Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL60007BIB825 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL60007BIB825
Description  Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60007BIB825 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL60007BIB825 Datasheet HTML 1Page - Intersil Corporation ISL60007BIB825 Datasheet HTML 2Page - Intersil Corporation ISL60007BIB825 Datasheet HTML 3Page - Intersil Corporation ISL60007BIB825 Datasheet HTML 4Page - Intersil Corporation ISL60007BIB825 Datasheet HTML 5Page - Intersil Corporation ISL60007BIB825 Datasheet HTML 6Page - Intersil Corporation ISL60007BIB825 Datasheet HTML 7Page - Intersil Corporation ISL60007BIB825 Datasheet HTML 8Page - Intersil Corporation ISL60007BIB825 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN8087.1
May 5, 2005
FIGURE 3. VOUT vs TEMPERATURE NORMALIZED TO 25°C
FIGURE 4. LINE REGULATION - 3 UNITS
FIGURE 5. LINE REGULATION - 3 TEMPS
FIGURE 6. LINE TRANSIENT RESPONSE, CL = 0nF
FIGURE 7. LINE TRANSIENT RESPONSE, CL = 1nF
FIGURE 8. PSRR vs f vs CL
Typical Performance Curves, 1.25V Reference VIN = 3.0V, IOUT = 0mA, TA = 25°C
Unless Otherwise Specified (Continued)
1.249
1.2492
1.2494
1.2496
1.2498
1.25
1.2502
1.2504
1.2506
1.2508
-40
-15
10
35
60
85
TEMPERATURE (°C)
UNIT 1
UNIT 2
UNIT 3
1.24996
1.24997
1.24998
1.24999
1.25
1.25001
1.25002
1.25003
1.25004
1.25005
1.25006
2.7
3.4
4.1
4.8
5.5
VIN (V)
440nA
240nA
330nA
-50
-25
0
25
50
2.7
3.4
4.1
4.8
5.5
VIN
+85°C
-40°C
+25°C
500µs/DIV
∆VIN = +0.3V
∆VIN = -0.3V
500µs/DIV
∆VIN = +0.3V
∆VIN = -0.3V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
10000
100000
1000000
FREQUENCY (Hz)
CL = 100nF
CL = 10nF
CL = 0nF
CL = 1nF
ISL60007


Similar Part No. - ISL60007BIB825

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60007BIB825 INTERSIL-ISL60007BIB825 Datasheet
240Kb / 10P
   Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
ISL60007BIB825Z INTERSIL-ISL60007BIB825Z Datasheet
240Kb / 10P
   Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
More results

Similar Description - ISL60007BIB825

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60007 INTERSIL-ISL60007_06 Datasheet
240Kb / 10P
   Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com