Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL837030 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL837030
Description  Modem Reference Designs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL837030 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL837030 Datasheet HTML 6Page - Intersil Corporation ISL837030 Datasheet HTML 7Page - Intersil Corporation ISL837030 Datasheet HTML 8Page - Intersil Corporation ISL837030 Datasheet HTML 9Page - Intersil Corporation ISL837030 Datasheet HTML 10Page - Intersil Corporation ISL837030 Datasheet HTML 11Page - Intersil Corporation ISL837030 Datasheet HTML 12Page - Intersil Corporation ISL837030 Datasheet HTML 13Page - Intersil Corporation ISL837030 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
P e r f or m a nc e S pe c i f i c a t i on s
ISL837030, ISL83740
10
FN8013.5
Demodulator Performance Specifications
1The maximum Acquisition and Tracking Rate Range is less than 400kHz when the baud rate is less than
6.6Mbaud, as shown in FIGURE 4.
FIGURE 4 Acquisition/Tracking Range at Low Baud Rates
BER Performance (Typical)
1 Performance is based on a standard setup using the Evaluation Platform’s VHF interface under typical operating
conditions at baud rates > 10Mbaud as defined in Demodulator Input Requirements on page 9. All loop
bandwidths are set by default to accommodate severe multipath distortions. Performance can be increased
significantly by adjusting loop bandwidths for a less severe environment. Performance is 0.5dB to 1dB better when
using the Evaluation Platform’s high performance L-band interface.
ITEM
DESCRIPTION
Rx Carrier Tracking Range1
± 400kHz
Rx Carrier Acquisition Range1
Programmable from 50kHz to 400kHz in increments of 1kHz. For
details, see the Programmer’s Reference AN9935.
100
150
200
250
300
350
400
450
345
67
8
Symbol Rate (MBaud)
64QAM and
128QAM available
in ISL83740 only.
PARAMETERS
Eb/No
CONDITIONS
BER
MODULATION
TYPE
INNER
CODE RATE
1.0E-8 BER
QPSK
1
8.1dB
• Standard setup using low-cost VHF IF
interface loopback1
8PSK,
1
11.6dB
16QAM
1
12.2dB
32QAM
1
14.8dB
64QAM
1
18.7dB
1.0E-10 BER
16QAM
3/4
7.8dB
7/8
9.0dB
32QAM
4/5
9.7dB
9/10
11.4dB
64QAM
5/6
12.7dB
11/12
15.0dB
128QAM
6/7
17.2dB
Residual BER,
FEC disabled
32QAM
1
BER < 1.0E-11 • Standard setup using low-cost VHF IF
interface loopback1
• No added noise
0
• Baseband loopback, no noise


Similar Part No. - ISL837030

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E Datasheet
802Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E Datasheet
766Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83070E RENESAS-ISL83070E Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83070E-78E INTERSIL-ISL83070E-78E Datasheet
496Kb / 3P
   Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver
More results

Similar Description - ISL837030

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAVRSB202 ATMEL-ATAVRSB202 Datasheet
386Kb / 1P
   Reference designs
logo
Active-Semi, Inc
ACT36X ACTIVE-SEMI-ACT36X Datasheet
3Mb / 22P
   AC/DC Charger/Adapter Reference Designs
Rev 2.5 Oct 2012
logo
National Semiconductor ...
LM3464 NSC-LM3464_1 Datasheet
2Mb / 12P
   DHC 25W Reference Designs Dynamic Headroom Control (DHC)
logo
M/A-COM Technology Solu...
28370-PBD-005-A MA-COM-28370-PBD-005-A_15 Datasheet
33Kb / 1P
   Upgrading Bt837x Designs
logo
STMicroelectronics
MATRIX-M24SR STMICROELECTRONICS-MATRIX-M24SR Datasheet
408Kb / 6P
   Various antenna designs
logo
M/A-COM Technology Solu...
28370-PBD-005-A MA-COM-28370-PBD-005-A Datasheet
33Kb / 1P
   Upgrading Bt837x Designs
logo
TT Electronics.
PTCR TTELEC-PTCR Datasheet
258Kb / 2P
   custom designs available
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com