Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5019BMTCX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5019BMTCX
Description  6-Bit VID Controller 2-4 Phase VR10.X Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5019BMTCX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5019BMTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5019BMTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.fairchildsemi.com
REV. 1.0.0 Jul/15/05
Features
• Improved Noise Immunity
• Improved Load Line Accuracy
• TTL Compatible VID Inputs
• Fully Pin and Function compatible with existing
FAN5019 and ADP3188 Controllers
• Precision Multi-Phase DC-DC Core Voltage Regulation
– ±10mV Output Voltage Accuracy Over Temperature
• Differential Remote Voltage Sensing
• Selectable 2-, 3-, or 4-Phase Operation
• Selectable VRM9 or VRM10 Operation
• Up to 1MHz per Phase Operation (4MHz ripple
Frequency)
• Lossless Inductor Current Sensing for Loadline
Compensation
– External Temperature Compensation
• Accurate Loadline Programming (Meets Intel®
VRM/VRD10.x CPU Specifications)
• Accurate Channel-Current Balancing for Thermal
Optimization and Layout Compensation
• Convenient 12V Supply Biasing
• 6-bit Voltage Identification (VID) Input
– .8375V to 1.600V in 12.5mV Steps
– Dynamic VID Capability with Fault-Blanking for
glitch-less Output voltage Changes
• Adjustable Over Current Protection with Programmable
Latch-Off Delay. Latch-Off Function may be Disabled
• Over-Voltage Protection – Internal OVP Crowbar
Protection
• Package: 28L-TSSOP
Applications
• VRM/VRD 9.x and 10.x Computer DC/DC Converter
• High-Current, Low-Voltage DC/DC Rail
General Description
The FAN5019B is a multi-phase DC-DC controller for
implementing high-current, low-voltage, CPU core power
regulation circuits. It is part of a chipset that includes exter-
nal MOSFET drivers and power MOSFETS. The
FAN5019B drives up to four synchronous-rectified buck
channels in parallel. The multi-phase buck converter archi-
tecture uses interleaved switching to multiply ripple fre-
quency by the number of phases and reduce input and output
ripple currents. Lower ripple results in fewer components,
lower component cost, reduced power dissipation, and
smaller board area.
The FAN5019B features a high-bandwidth control loop to
provide optimal response to load transients. The FAN5019B
senses current using lossless techniques: Phase current is
measured through each of the output inductors. This current
information is summed, averaged and used to set the loadline
of the output via programmable "droop." The droop is tem-
perature compensated to achieve precise loadline character-
istics over the entire operating range. Additionally,
individual phase current is measured using the RDS(ON) of
the low-side MOSFETs. This information is used to dynam-
ically balance/steer per-phase current. The phase currents
are also summed and averaged for over-current detection.
Dynamic-VID technology allows on-the-fly VID changes
with controlled, glitch-less output. Additionally, short-circuit
protection, adjustable current limiting, over-voltage protec-
tion and power-good circuitry combine to ensure reliable and
safe operation. FAN5019B is specified over the commercial
temperature range of 0°C to +85°C and operates from a sin-
gle +12V supply which simplifies design. FAN5019B is
available in a 28L-TSSOP package.
Block Diagram
FAN5019B
V
IN
V
IN
Φ1
Φ4
V
OUT
Φ3
Φ2
FAN5009
FAN5009
FAN5019B
6-Bit VID Controller 2-4 Phase VR10.X Controller


Similar Part No. - FAN5019BMTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019MTC FAIRCHILD-FAN5019MTC Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019MTCX FAIRCHILD-FAN5019MTCX Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
More results

Similar Description - FAN5019BMTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN53168 FAIRCHILD-FAN53168 Datasheet
397Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
FAN53180 FAIRCHILD-FAN53180 Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
logo
Renesas Technology Corp
ISL6556A RENESAS-ISL6556A Datasheet
1Mb / 24P
   Optimized Multiphase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Maxim Integrated Produc...
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
logo
Analog Devices
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com