Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5182 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5182
Description  Adjustable Output 1, 2, or 3-Phase Synchronous Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5182 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5182 Datasheet HTML 6Page - Fairchild Semiconductor FAN5182 Datasheet HTML 7Page - Fairchild Semiconductor FAN5182 Datasheet HTML 8Page - Fairchild Semiconductor FAN5182 Datasheet HTML 9Page - Fairchild Semiconductor FAN5182 Datasheet HTML 10Page - Fairchild Semiconductor FAN5182 Datasheet HTML 11Page - Fairchild Semiconductor FAN5182 Datasheet HTML 12Page - Fairchild Semiconductor FAN5182 Datasheet HTML 13Page - Fairchild Semiconductor FAN5182 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
www.fairchildsemi.com
FAN5182 Rev. 1.0.1
Voltage Control Loop
A high gain-bandwidth voltage error amplifier is used for the
voltage control loop. The non-inverting input of the error ampli-
fier is derived from the internal 800mV reference. The output of
the error amplifier, the COMP pin sets the termination voltage
for the internal PWM ramps plus sensed phase current.
The inverting input (FB) is tied to the center point of a resistor
divider from the output voltage sense point. The closed loop
compensation is realized through the compensator networks
connecting to the FB and COMP pins.
Soft Start
The soft-start rise time of the output voltage is set by a parallel
capacitor and resistor between the DELAY pin and ground. The
resistor capacitor (RC) time constant also determines the cur-
rent limit latch off delay time as explained in the following sec-
tion. In UVLO or when EN is logic low, the DELAY pin is held to
ground. After the UVLO threshold is reached and EN is in logic
high state, the DELAY capacitor is charged with an internal
20µA current source. The output voltage follows the ramping
voltage on the DELAY pin to limit the inrush current. The soft-
start time depends on the value of CDLY, with a secondary effect
from RDLY.
If either EN is logic low or VCC drops below UVLO, the DELAY
capacitor resets to ground, and is ready for another soft-start
cycle.
Figure 6. Typical Startup Waveforms shows a typical soft-start
sequence for the FAN5182.
Figure 6. Typical Startup Waveforms
Current Limit and Latch-off Protection
The FAN5182 compares a programmable current limit set point
to the voltage from the output of the current sense amplifier. The
level of current limit is set with the resistor from the ILIMIT pin to
ground. During normal operation, the voltage on ILIMIT is 3V.
The current through the external resistor is internally scaled to
give a current limit threshold of 10.4mV/µA. If the difference in
voltage between CSREF and CSCOMP rises above the current
limit threshold, the internal current limit amplifier controls the
COMP voltage to maintain the power supply output current at
the over current level.
After the limit is reached, the 3V pull-up voltage source on the
DELAY pin is disconnected, and the external DELAY capacitor
discharges through the external resistor. A comparator monitors
the DELAY pin voltage and shuts off the controller when the
voltage drops below 1.8V. The current limit latch-off delay time
is therefore set by the RC time constant discharging the DELAY
voltage from 3V to 1.8V. Typical over-current latch-off wave-
forms are shown in Figure 7.
Figure 7. Over-current Latch-off Waveforms
The controller continues to switch all phases during the latch-off
delay time. If the over-current condition is removed before the
1.8V DELAY threshold being reached, the controller will resume
its normal operation. The over current recovery characteristic
also depends on the state of PWRGD. If the output voltage is
within the PWRGD window during over current, the controller
resumes normal operation once over current condition being
removed. However, if over current causes the output voltage to
drop below the PWRGD threshold, a soft-start cycle will be initi-
ated.
The latch-off function can be reset by either removing and reap-
plying VCC to the FAN5182 or by pulling the EN pin low for short
time. To disable the over current latch-off function, the external
resistor connecting between the DELAY pin and ground should
be removed, and a high value resistor (>1M
Ω) should be con-
nected from the DELAY pin to VCC. This prevents the DELAY
capacitor from discharging, so the 1.8V threshold can never be
reached. This pull-up resistor has some impact to the soft-start
time, because the current through this pull-up resistor adds
additional current to the internal 20µA soft-start current.
During start-up when the output voltage is below 200mV, a sec-
ondary current limit is activated. This is necessary because the
voltage swing of CSCOMP cannot go below ground. This sec-
ondary current limit clamps the COMP voltage to 2V.
An inherent per phase current limit protects individual phase if
one or more phases cease to function because of a faulty com-
ponent. This limit is based on the maximum normal mode
COMP voltage.


Similar Part No. - FAN5182

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182 Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182QSCX_NA3E229 FAIRCHILD-FAN5182QSCX_NA3E229 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182QSCX_NA3E229_NL FAIRCHILD-FAN5182QSCX_NA3E229_NL Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182QSCX_NA3E231_NL FAIRCHILD-FAN5182QSCX_NA3E231_NL Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
More results

Similar Description - FAN5182

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182_07 Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182_08 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3182 AD-ADP3182 Datasheet
417Kb / 20P
   Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
REV. 0
logo
uPI Group Inc.
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
   3/2/1-Phase Synchronous-Rectified Buck Controller
UP9509S UPI-UP9509S Datasheet
379Kb / 18P
   3/2/1-Phase Synchronous-Rectified Buck Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
logo
ON Semiconductor
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com