Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6520AMX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN6520AMX
Description  Single Synchronous Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520AMX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN6520AMX Datasheet HTML 1Page - Fairchild Semiconductor FAN6520AMX Datasheet HTML 2Page - Fairchild Semiconductor FAN6520AMX Datasheet HTML 3Page - Fairchild Semiconductor FAN6520AMX Datasheet HTML 4Page - Fairchild Semiconductor FAN6520AMX Datasheet HTML 5Page - Fairchild Semiconductor FAN6520AMX Datasheet HTML 6Page - Fairchild Semiconductor FAN6520AMX Datasheet HTML 7Page - Fairchild Semiconductor FAN6520AMX Datasheet HTML 8Page - Fairchild Semiconductor FAN6520AMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PRODUCT SPECIFICATION
FAN6520A
REV. 1.0.2 8/26/04
5
Electrical Specifications VCC = 5V, and TA = 25°C using circuit in Figure 1 unless otherwise noted.
The • denotes specifications which apply over the full operating temperature range.
Notes:
1. All limits at operating temperature extremes are guaranteed by design, characterization and statistical quality control.
2. AC specifications guaranteed by design/characterization (not production tested).
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Current
VCC Current
IVCC
HDRV, LDRV open
1.5
2.4
3.8
mA
Power-On Reset
Rising VCC POR Threshold
POR
4.00
4.22
4.45
V
VCC POR Threshold Hysteresis
170
mV
Oscillator
Frequency
FOSC
FAN6520A
250
300
340
kHz
FAN6520AI
230
300
340
kHz
Ramp Amplitude
∆VOSC
1.5
Vp-p
Reference
Reference Voltage
VREF
TA = 0 to 70°C
788
800
812
mV
FAN6520AI
780
800
820
mV
Error Amplifier
DC Gain
88
dB
Gain – Bandwidth Product
GBWP
15
MHz
Slew Rate
S/R
8
V/µs
Gate Drivers
HDRV pull-up resistance
RHUP
2.5
HDRV pull-down resistance
RHDN
2.0
LDRV pull-up resistance
RLUP
2.5
LDRV pull-down resistance
RLDN
1.0
Protection/Disable
OCSET Current Source
IOCSET
FAN6520A
17
20
22
µA
FAN6520AI
14
20
24
µA
Disable Threshold
VDISABLE
800
mV


Similar Part No. - FAN6520AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520AMX FAIRCHILD-FAN6520AMX Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Similar Description - FAN6520AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com