Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6520AIM Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN6520AIM
Description  Single Synchronous Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520AIM Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6520AIM Datasheet HTML 2Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 3Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 4Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 5Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 6Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 7Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 8Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 9Page - Fairchild Semiconductor FAN6520AIM Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
REV. 1.0.2 8/26/04
FAN6520A
PRODUCT SPECIFICATION
Circuit Description
Initialization
The FAN6520A automatically initializes upon receipt of
power. The Power-On Reset (POR) function continually
monitors the bias voltage at the VCC pin. When the supply
voltage exceeds its POR threshold, the IC initiates the
Over-current Protection (OCP) sample and hold operation.
Upon completion of the OCP sampling and hold operation,
the POR function initiates the soft-start operation.
Over-Current Protection
The over-current function protects the converter from a
shorted output by using the upper MOSFET’s on-resistance,
RDS(ON), to monitor the current. This method enhances the
converter’s efficiency and reduces cost by eliminating the
need for a current-sensing resistor. The over-current function
cycles the soft-start function in a hiccup mode to provide
fault protection. A resistor (ROCSET) programs the over-
current trip level (see Typical Application diagram).
Immediately following POR, the FAN6520A initiates the
Over-current Protection sampling and hold operation. First,
the internal error amplifier is disabled. This allows an inter-
nal 20µA current sink to develop a voltage across ROCSET.
The FAN6520A then samples this voltage at the COMP pin.
This sampled voltage, which is referenced to the VCC pin,
is held internally as the Over-current Set Point. When the
voltage across the upper MOSFET, which is also referenced
to the VCC pin, exceeds the Over-current Set Point, the
over-current function initiates a soft-start sequence. Figure 3
shows the inductor current after a fault is introduced while
running at 15A. The continuous fault causes the FAN6520A
to go into a hiccup mode with a typical period of 25ms. The
inductor current increases to 18A during the soft-start inter-
val and causes an over-current trip. The converter dissipates
very little power with this method. The measured input
power for the conditions shown in Figure 3 is only 1.5W.
Figure 3. Over-Current Operation
The over-current function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (20µA
typical). The OC trip point varies mainly due to the
MOSFET’s RDS(ON) variations. To avoid over-current
tripping in the normal operating load range, find the ROCSET
resistor from the equation above with:
1.
The maximum RDS(ON) at the highest junction
temperature.
2.
The minimum IOCSET from the specification table.
3.
Determine IPEAK for
,
where
∆I is the output inductor ripple current.
For an equation for the ripple current see “Output Inductor
(Lout)” under Component Selection.
Internal circuitry of the FAN6520A will not recognize a volt-
age drop across ROCSET larger than 0.5V. Any voltage drop
across ROCSET that is greater than 0.5V will set the overcur-
rent trip point to:
An overcurrent trip cycles the soft-start function.
Soft-Start
The POR function initiates the soft-start sequence after the
over-current set point has been sampled. Soft-start clamps
the error amplifier output (COMP pin) and reference input
(noninverting terminal of the error amp) to the internally
generated soft-start voltage. Figure 4 shows a typical start up
interval where the COMP/OCSET pin has been released
from a grounded (system shutdown) state. Initially, the
COMP/OCSET is used to sample the over-current setpoint
by disabling the error amplifier and drawing 20µA through
ROCSET. Once the over-current level has been sampled, the
soft-start function is initiated. The clamp on the error
amplifier (COMP/OCSET pin) initially controls the
converter’s output voltage during soft-start. The oscillator’s
triangular waveform is compared to the ramping error
amplifier voltage. This generates SW pulses of increasing
width that charge the output capacitor(s). When the inter-
nally generated soft-start voltage exceeds the feedback (FB
pin) voltage, the output voltage is in regulation. This method
provides a rapid and controlled output voltage rise. The
entire startup sequence typically takes about 11ms.
OUTPUT INDUCTOR
CURRENT
5A/DIV.
I
PEAK
I
OCSET
R
OCSET
×
R
DS ON
()
-----------------------------------------------
=
(1)
I
PEAK
I
OUT MAX
()
∆I
2
-----
+
>
I
PEAK
0.5V
R
DS ON
()
----------------------
=


Similar Part No. - FAN6520AIM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIMX FAIRCHILD-FAN6520AIMX Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Similar Description - FAN6520AIM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com