Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT08N Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74ACT08N
Description  QUAD 2-INPUT AND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT08N Datasheet(HTML) 3 Page - ON Semiconductor

  MC74ACT08N Datasheet HTML 1Page - ON Semiconductor MC74ACT08N Datasheet HTML 2Page - ON Semiconductor MC74ACT08N Datasheet HTML 3Page - ON Semiconductor MC74ACT08N Datasheet HTML 4Page - ON Semiconductor MC74ACT08N Datasheet HTML 5Page - ON Semiconductor MC74ACT08N Datasheet HTML 6Page - ON Semiconductor MC74ACT08N Datasheet HTML 7Page - ON Semiconductor MC74ACT08N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74AC08, MC74ACT08
http://onsemi.com
3
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74AC
74AC
VCC (V)
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Fig.
Symbol
Parameter
VCC (V)
(Note5 )
Min
Typ
Max
Min
Max
Unit
Fig.
No.
tPLH
Propagation Delay
3.3
1.5
7.5
9.5
1.0
10.0
ns
3−5
tPLH
Propagation Delay
5.0
1.5
5.5
7.5
1.0
8.5
ns
3−5
tPHL
Propagation Delay
3.3
1.5
7.0
8.5
1.0
9.0
ns
3−5
tPHL
Propagation Delay
5.0
1.5
5.5
7.0
1.0
7.5
ns
3−5
5. Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
DC CHARACTERISTICS
74ACT
74ACT
VCC
TA = +25°C
TA =
−40
°C to
+85
°C
Symbol
Parameter
Conditions
VCC
(V)
Typ
Guaranteed Limits
Unit
VIH
Minimum High Level
IV l
VOUT = 0.1 V
4.5
1.5
2.0
2.0
V
Input Voltage
or VCC − 0.1 V
5.5
1.5
2.0
2.0
V
VIL
Maximum Low Level
IV l
VOUT = 0.1 V
4.5
1.5
0.8
0.8
V
Input Voltage
or VCC − 0.1 V
5.5
1.5
0.8
0.8
V
VOH
Minimum High Level
O
IOUT = −50 mA
4.5
4.49
4.4
4.4
V
Output Voltage
5.5
5.49
5.4
5.4
V
VIN = VIL or VIH (Note 6)
V
−24 mA
4.5
3.86
3.76
−24 mA
5.5
4.86
4.76
VOL
Maximum Low Level
OV l
IOUT = 50 mA
4.5
0.001
0.1
0.1
V
Output Voltage
5.5
0.001
0.1
0.1
V
VIN = VIL or VIH (Note 6)
V
24 mA
4.5
0.36
0.44
24 mA
5.5
0.36
0.44
IIN
Maximum Input
V
V
GND
55
±01
±10
mA
IN
au
u
Leakage Current
VI = VCC, GND
5.5
±0.1
±1.0
mA
DICCT
Additional Max. ICC/Input
VI = VCC − 2.1 V
5.5
0.6
1.5
mA
IOLD
Minimum Dynamic (Note 7)
Ot
t C
t
VOLD = 1.65 V Max
5.5
75
mA
IOHD
Output Current
VOHD = 3.85 V Min
5.5
−75
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
4.0
40
mA
6. All outputs loaded; thresholds on input associated with output under test.
7. Maximum test duration 2.0 ms, one output loaded at a time.


Similar Part No. - MC74ACT08N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74ACT08N MOTOROLA-MC74ACT08N Datasheet
66Kb / 5P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74ACT08N ONSEMI-MC74ACT08N Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate
October, 2006 ??Rev. 8
MC74ACT08NG ONSEMI-MC74ACT08NG Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate
October, 2006 ??Rev. 8
More results

Similar Description - MC74ACT08N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com