Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC139D Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74AC139D
Description  DUAL 1-OF-4 DECODER/DEMULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC139D Datasheet(HTML) 4 Page - ON Semiconductor

  MC74AC139D Datasheet HTML 1Page - ON Semiconductor MC74AC139D Datasheet HTML 2Page - ON Semiconductor MC74AC139D Datasheet HTML 3Page - ON Semiconductor MC74AC139D Datasheet HTML 4Page - ON Semiconductor MC74AC139D Datasheet HTML 5Page - ON Semiconductor MC74AC139D Datasheet HTML 6Page - ON Semiconductor MC74AC139D Datasheet HTML 7Page - ON Semiconductor MC74AC139D Datasheet HTML 8Page - ON Semiconductor MC74AC139D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC74AC139, MC74ACT139
http://onsemi.com
4
DC CHARACTERISTICS
74AC
74AC
VCC
TA = +25°C
TA =
–40
°C to
+85
°C
Symbol
Parameter
VCC
(V)
Typ
Guaranteed Limits
Unit
Conditions
VIH
Minimum High Level
3.0
1.5
2.1
2.1
VOUT = 0.1 V
IH
ug
e e
Input Voltage
4.5
2.25
3.15
3.15
V
or VCC – 0.1 V
g
5.5
2.75
3.85
3.85
o
CC
0
VIL
Maximum Low Level
3.0
1.5
0.9
0.9
VOUT = 0.1 V
IL
au
oe e
Input Voltage
4.5
2.25
1.35
1.35
V
or VCC – 0.1 V
g
5.5
2.75
1.65
1.65
o
CC
0
VOH
Minimum High Level
3.0
2.99
2.9
2.9
IOUT = –50 mA
OH
ug
e e
Output Voltage
4.5
4.49
4.4
4.4
V
OUT
50
m
g
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
3.0
2.56
2.46
V
–12 mA
4.5
3.86
3.76
V
IOH
–24 mA
5.5
4.86
4.76
–24 mA
VOL
Maximum Low Level
3.0
0.002
0.1
0.1
IOUT = 50 mA
OL
au
oe e
Output Voltage
4.5
0.001
0.1
0.1
V
OUT
50
m
g
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
3.0
0.36
0.44
V
12 mA
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
55
±01
±10
mA
VI =VCC GND
IIN
Maximum In ut
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
IOLD
†Minimum Dynamic
Ot
t C
t
5.5
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
–75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
55
80
80
mA
VIN =VCC or GND
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE:
IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.
AC CHARACTERISTICS (For Figures and Waveforms – See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74AC
74AC
VCC*
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Fig
Symbol
Parameter
VCC*
(V)
Min
Typ
Max
Min
Max
Unit
Fig.
No.
tPLH
Propagation Delay
3.3
4.0
8.0
11.5
3.5
13
ns
3–6
tPLH
o aga o
e ay
An to On
5.0
3.0
6.5
8.5
2.5
9.5
ns
3–6
tPHL
Propagation Delay
3.3
3.0
7.0
10
2.5
11
ns
3–6
tPHL
o aga o
e ay
An to On
5.0
2.5
5.5
7.5
2.0
8.5
ns
3–6
tPLH
Propagation Delay
3.3
4.5
9.5
12
3.5
13
ns
3–6
tPLH
o aga o
e ay
En to On
5.0
3.5
7.0
8.5
3.0
10
ns
3–6
tPHL
Propagation Delay
3.3
4.0
8.0
10
3.0
11
ns
3–6
tPHL
o aga o
e ay
En to On
5.0
2.5
6.0
7.5
2.5
8.5
ns
3–6
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
*Voltage Range 5.0 V is 5.0 V
±0.5 V.


Similar Part No. - MC74AC139D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC139D ONSEMI-MC74AC139D Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74AC139D ONSEMI-MC74AC139D Datasheet
176Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74AC139DG ONSEMI-MC74AC139DG Datasheet
176Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74AC139DG ONSEMI-MC74AC139DG Datasheet
99Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
January, 2015 ??Rev. 8
MC74AC139DR2 ONSEMI-MC74AC139DR2 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
More results

Similar Description - MC74AC139D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
   DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
   Dual 1-of-4 decoder/demultiplexer
January 1995
logo
Motorola, Inc
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
   Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
logo
Fairchild Semiconductor
74AC139 FAIRCHILD-74AC139 Datasheet
98Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Motorola, Inc
SN54LS155 MOTOROLA-SN54LS155 Datasheet
210Kb / 6P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54F139DM NSC-54F139DM Datasheet
166Kb / 8P
   Dual 1-of-4 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com