Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QCA100AA120 Datasheet(PDF) 1 Page - SanRex Corporation

Part # QCA100AA120
Description  TRNASISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

QCA100AA120 Datasheet(HTML) 1 Page - SanRex Corporation

  QCA100AA120 Datasheet HTML 1Page - SanRex Corporation QCA100AA120 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
QCA100AA120
TRANSISTOR MODULE
UL;E76102
(M)
Thermal Impedance
(junction to case)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
■Electrical Characteristics
Symbol
Item
Conditions
Ratings
QCA100AA120
Unit
VCBO
Collector-Base Voltage
1200
V
VCEX
Collector-Emitter Voltage
VBE
=−2V
1200
V
Emitter-Base Voltage
V
VEBO
10
IC
Collector Current
100
A
−IC
Reverse Collector Current
100
A
IB
Base Current
5
A
PT
Total power dissipation
TC
=25℃
800
W
Tj
Junction Temperature
−40 to +150
Tstg
Storage Temperature
−40 to +125
VISO
Isolation Voltage
A.C.1minute
2500
V
Mounting
Torque
Mounting
(M6)
Terminal
(M6)
Recommended Value 2.5-3.9
(25-40)
4.7
(48)
Recommended Value 2.5-3.9
(25-40)
4.7
(48)
N
・m
(
㎏f・B)
Mass
Typical Value
470
g
14.0
25.0
3-M6
L=10max
AMP110
t=0.5
25.0
108max
4-φ6.5
93±0.5
B2X
C2E1
E2
C1
B2
E2
E1
B1
B1X
Unit
:A
Symbol
Item
Conditions
Ratings
Min.
Max.
2.00
600
75
3.00
3.50
3.00
15.00
3.00
1.80
0.155
0.65
Unit
ICBO
Collector Cut-off Current
VCB
=1200V
mA
IEBO
Emitter Cut-off Current
VEB
=10V
mA
1200
VCEX(SUS) Collector Emitter Sustaning Voltage
Ic
=20A,IB2=−4A
V
hFE
DC Current Gain
Ic
=100A,VCE=5V
VCE(sat)
Collector-Emitter Saturation Voltage
Ic
=100A,IB=2A
V
VBE(sat)
Base-Emitter Saturation Voltage
Ic
=100A,IB=2A
V
μs
V
℃/W
ton
On Time
Storage Time
Fall Time
ts
tf
Vcc
=600V,Ic=100A
IB1
=2A,IB2=−2A
−Ic=100A
Transistor part
Diode part
VECO
Rth(j-c)
Switching
Time
Collector-Emitter Reverse Voltage
QCA100AA120 is a dual Darlington power transistor module which has series-
connected high speed, high power Darlington transistors. Each transistor has a reverse
paralleled fast recovery diode. The mounting base of the module is electrically isolated
from semiconductor elements for simple heatsink construction,
IC
=100A, VCEX=1200V
Low saturation voltage for higher efficiency.
High DC current gain hFE
Isolated mounting base
(Applications)
Motor Control
(VVVF), AC/DC Servo, UPS,
Switching Power Supply, Ultrasonic Application
B1
B2
E2
E2
C2E1
B2X
B1X
E1
C1
SanRex
®


Similar Part No. - QCA100AA120

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
QCA100AA100 SANREX-QCA100AA100 Datasheet
105Kb / 2P
   High power Darlington Transistors.
More results

Similar Description - QCA100AA120

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
QCA200AA120 SANREX-QCA200AA120 Datasheet
107Kb / 2P
   TRNASISTOR MODULE
QCA75A40 SANREX-QCA75A40 Datasheet
108Kb / 2P
   TRNASISTOR MODULE
QCA200AA100 SANREX-QCA200AA100 Datasheet
108Kb / 2P
   TRNASISTOR MODULE
QCA300BA60 SANREX-QCA300BA60 Datasheet
108Kb / 2P
   TRNASISTOR MODULE
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
   MODULE
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
   Module
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
   Module
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
   MODULE
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
   module
logo
Fuji Electric
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
   IGBT Module(Power Integrated Module)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com