Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT157D Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74ACT157D
Description  Quad 2-Input Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT157D Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74ACT157D Datasheet HTML 2Page - ON Semiconductor MC74ACT157D Datasheet HTML 3Page - ON Semiconductor MC74ACT157D Datasheet HTML 4Page - ON Semiconductor MC74ACT157D Datasheet HTML 5Page - ON Semiconductor MC74ACT157D Datasheet HTML 6Page - ON Semiconductor MC74ACT157D Datasheet HTML 7Page - ON Semiconductor MC74ACT157D Datasheet HTML 8Page - ON Semiconductor MC74ACT157D Datasheet HTML 9Page - ON Semiconductor MC74ACT157D Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC74AC157, MC74ACT157
http://onsemi.com
6
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
50
pF
VCC = 5.0 V
ORDERING INFORMATION
Device Order N mber
Package
Shipping
Device Order Number
Package
Shipping
MC74AC157N
PDIP−16
25 Units / Rail
MC74AC157NG
PDIP−16
(Pb−Free)
25 Units / Rail
MC74ACT157N
PDIP−16
25 Units / Rail
MC74AC157D
SOIC−16
48 Units / Rail
MC74ACT157D
SOIC−16
48 Units / Rail
MC74ACT157DG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74AC157DR2
SOIC−16
2500 Tape & Reel
MC74AC157DR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
MC74ACT157DR2
SOIC−16
2500 Tape & Reel
MC74ACT157DR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
MC74AC157DT
TSSOP−16*
96 Units / Rail
MC74ACT157DT
TSSOP−16*
96 Units / Rail
MC74AC157DTR2
TSSOP−16*
2500 Tape & Reel
MC74ACT157DTR2
TSSOP−16*
2500 Tape & Reel
MC74AC157M
EIAJ−16
50 Units / Rail
MC74ACT157M
EIAJ−16
50 Units / Rail
MC74AC157MEL
EIAJ−16
2000 Tape & Reel
MC74ACT157MEL
EIAJ−16
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Similar Part No. - MC74ACT157D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT157DG ONSEMI-MC74ACT157DG Datasheet
99Kb / 9P
   Quad 2-Input Multiplexer
January, 2015 ??Rev. 8
MC74ACT157DR2G ONSEMI-MC74ACT157DR2G Datasheet
99Kb / 9P
   Quad 2-Input Multiplexer
January, 2015 ??Rev. 8
MC74ACT157DTR2G ONSEMI-MC74ACT157DTR2G Datasheet
99Kb / 9P
   Quad 2-Input Multiplexer
January, 2015 ??Rev. 8
More results

Similar Description - MC74ACT157D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com