Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT161N Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74ACT161N
Description  Synchronous Presettable Binary Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT161N Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC74ACT161N Datasheet HTML 4Page - ON Semiconductor MC74ACT161N Datasheet HTML 5Page - ON Semiconductor MC74ACT161N Datasheet HTML 6Page - ON Semiconductor MC74ACT161N Datasheet HTML 7Page - ON Semiconductor MC74ACT161N Datasheet HTML 8Page - ON Semiconductor MC74ACT161N Datasheet HTML 9Page - ON Semiconductor MC74ACT161N Datasheet HTML 10Page - ON Semiconductor MC74ACT161N Datasheet HTML 11Page - ON Semiconductor MC74ACT161N Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MC74AC161, MC74ACT161, MC74AC163, MC74ACT163
http://onsemi.com
8
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
5.5
1.5
2.0
2.0
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
5.5
1.5
0.8
0.8
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 mA
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 mA
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.


Similar Part No. - MC74ACT161N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT161 ONSEMI-MC74ACT161 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
MC74ACT161DG ONSEMI-MC74ACT161DG Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
MC74ACT161DR2G ONSEMI-MC74ACT161DR2G Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
More results

Similar Description - MC74ACT161N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com