Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-A808-IM000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # 5082-A808-IM000
Description  Low Current Seven Segment Displays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-A808-IM000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  5082-A808-IM000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-A808-IM000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-A808-IM000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-A808-IM000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-A808-IM000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-A808-IM000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-A808-IM000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-A808-IM000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-A808-IM000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Part Numbering System
5082 - x xx x - x x x xx
HDSP - x xx x - x x x xx
Mechanical Options[1]
00: No mechanical option
Color Bin Options[1,2]
0: No color bin limitation
Maximum Intensity Bin[1,2]
0: No maximum intensity bin limitation
Minimum Intensity Bin[1,2]
0: No minimum intensity bin limitation
Device Configuration/Color[1]
G: Green
Device Specific Configuration[1]
Refer to respective datasheet
Package[1]
Refer to Respective datasheet
Notes:
1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest Agilent representative for
details.
2. Bin options refer to shippable bins for a part-number. Color and Intensity Bins are typically restricted to 1 bin per tube (excep-
tions may apply). Please refer to respective datasheet for specific bin limit information.


Similar Part No. - 5082-A808-IM000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-A01E HP-5082-A01E Datasheet
111Kb / 12P
   Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
5082-A01X HP-5082-A01X Datasheet
111Kb / 12P
   Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
5082-A03E HP-5082-A03E Datasheet
111Kb / 12P
   Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
5082-A111-00000 HP-5082-A111-00000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-A111-0E000 HP-5082-A111-0E000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - 5082-A808-IM000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-335B AVAGO-HDSP-335B Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP HP-HDSP Datasheet
341Kb / 20P
   Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-K123 AVAGO-HDSP-K123 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-5553 AVAGO-HDSP-5553 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP AVAGO-HDSP Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-F101 AVAGO-HDSP-F101 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-7513 AVAGO-HDSP-7513 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-E103 AVAGO-HDSP-E103 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com