Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7791BRM-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD7791BRM-REEL
Description  Low Power, Buffered 24-Bit Sigma-Delta ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7791BRM-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7791BRM-REEL Datasheet HTML 4Page - Analog Devices AD7791BRM-REEL Datasheet HTML 5Page - Analog Devices AD7791BRM-REEL Datasheet HTML 6Page - Analog Devices AD7791BRM-REEL Datasheet HTML 7Page - Analog Devices AD7791BRM-REEL Datasheet HTML 8Page - Analog Devices AD7791BRM-REEL Datasheet HTML 9Page - Analog Devices AD7791BRM-REEL Datasheet HTML 10Page - Analog Devices AD7791BRM-REEL Datasheet HTML 11Page - Analog Devices AD7791BRM-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7791
Rev. 0 | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
04227-0-005
AD7791
TOP VIEW
(Not to Scale)
SCLK 1
CS 2
AIN(+) 3
AIN(–) 4
REF(+) 5
DIN
DOUT/RDY
VDD
GND
REF(–)
10
9
8
7
6
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Pin
No.
Mnemonic
Function
1
SCLK
Serial Clock Input for Data Transfers to and
from the ADC. The SCLK has a Schmitt-
triggered input, making the interface
suitable for opto-isolated applications. The
serial clock can be continuous with all data
transmitted in a continuous train of pulses.
Alternatively, it can be a noncontinuous
clock with the information being trans-
mitted to or from the ADC in smaller
batches of data.
2
CS
Chip Select Input. This is an active low logic
input used to select the ADC. CS can be
used to select the ADC in systems with
more than one device on the serial bus or as
a frame synchronization signal in communi-
cating with the device. CS can be hardwired
low, allowing the ADC to operate in 3-wire
mode with SCLK, DIN, and DOUT used to
interface with the device.
3
AIN(+)
Analog Input. AIN(+) is the positive terminal
of the fully differential analog input.
4
AIN(–)
Analog Input. AIN(–) is the negative termi-
nal of the fully differential analog input.
5
REFIN(+)
Positive Reference Input. REFIN(+) can lie
anywhere between VDD and GND + 0.1 V.
The nominal reference voltage (REFIN(+) –
REFIN(–)) is 2.5 V, but the part functions
with a reference from 0.1 V to VDD.
Pin
No.
Mnemonic
Function
6
REFIN(–)
Negative Reference Input. This reference
input can lie anywhere between GND and
VDD – 0.1 V.
7
GND
Ground Reference Point.
8
VDD
Supply Voltage, 2.5 V to 5.25 V.
9
DOUT/RDY
Serial Data Output/Data Ready Output.
DOUT/RDY serves a dual purpose . It functions
as a serial data output pin to access the out-
put shift register of the ADC. The output shift
register can contain data from any of the
on-chip data or control registers. In addition,
DOUT/RDY operates as a data ready pin,
going low to indicate the completion of a
conversion. If the data is not read after the
conversion, the pin will go high before the
next update occurs.
The DOUT/RDY falling edge can be used as an
interrupt to a processor, indicating that valid
data is available. With an external serial clock,
the data can be read using the DOUT/RDY pin.
With CS low, the data/control word informa-
tion is placed on the DOUT/RDY pin on the
SCLK falling edge and is valid on the SCLK
rising edge.
The end of a conversion is also indicated by
the RDY bit in the status register. When CS is
high, the DOUT/RDY pin is three-stated but
the RDY bit remains active.
10
DIN
Serial Data Input to the Input Shift Register
on the ADC. Data in this shift register is
transferred to the control registers within
the ADC, the register selection bits of the
communications register identifying the
appropriate register.


Similar Part No. - AD7791BRM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7791BRM-REEL AD-AD7791BRM-REEL Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
More results

Similar Description - AD7791BRM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7791 AD-AD7791_15 Datasheet
465Kb / 20P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
REV. A
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_17 Datasheet
466Kb / 21P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com