Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG5D60C Datasheet(PDF) 2 Page - SanRex Corporation

Part # SMG5D60C
Description  THYRISTOR(Through Hole/Non-isolated)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

SMG5D60C Datasheet(HTML) 2 Page - SanRex Corporation

  SMG5D60C Datasheet HTML 1Page - SanRex Corporation SMG5D60C Datasheet HTML 2Page - SanRex Corporation SMG5D60C Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMG5D60C
Gate Characteristics
Gate Current(mA)
0.01
0.1
10
0.01
0.1
10
100
1000
25℃
VFGM(6V)
PGM(0.5W)
PG(AV)
(0.1W)
VGD(0.1V)
On-State Voltage(MAX)
On-State Voltage(V)
10
100
0.5
1.5
2.5
3.5
Tj=25℃
Tj=125℃
Average On-State Current(A)
10
Average On-State Current vs Power
Dissipation(Single phase half wave)
θ=30゜
θ=60゜
θ=90゜
θ=120゜
θ=180゜
360゜
θ
θ
:Conduction Angle
π
Average On-State Current(A)
90
130
125
120
115
110
105
100
95
Average On-State Current vs Ambient
Temperature(Single phase half wave)
θ=30゜
θ=60゜ θ=90゜ θ=120゜ θ=180゜
360゜
θ
θ
:Conduction Angle
π
Time(Cycles)
100
90
80
70
60
50
40
30
20
10
10
100
Surge On-State Current Rating(Non-Repetitive)
60Hz
50Hz
Time(Sec.)
10
0.01
0.1
10
100
Maximum Transient Thermal
Impedance Characteristics
Junction Temp.(℃)
10
100
1000
−50
−25
25
50
75
100
125
IGT −Tj[Change Rate]
(Typical)
Junction Temp.(℃)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
−50
−25
25
50
75
100
125
VGT −Tj(Typical)
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com


Similar Part No. - SMG5D60C

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SMG5D60D SANREX-SMG5D60D Datasheet
464Kb / 3P
   THYRISTOR(Surface Mount Device/Non-isolated)
More results

Similar Description - SMG5D60C

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SMG2D60C SANREX-SMG2D60C Datasheet
463Kb / 3P
   THYRISTOR(Through Hole/Non-isolated)
SMG8C60 SANREX-SMG8C60 Datasheet
461Kb / 3P
   THYRISTOR)Through Hole/Non-isolated)
SMG3D60C SANREX-SMG3D60C Datasheet
464Kb / 3P
   THYRISTOR(Through Hole/Non-isolated)
SMG5C60C SANREX-SMG5C60C Datasheet
461Kb / 3P
   THYRISTOR(Through Hole/Non-isolated)
SMG16C60 SANREX-SMG16C60 Datasheet
462Kb / 3P
   THYRISTOR(Through Hole/Non-isolated)
SMG12C60 SANREX-SMG12C60 Datasheet
461Kb / 3P
   THYRISTOR(Through Hole/Non-isolated)
SMG8C60F SANREX-SMG8C60F Datasheet
463Kb / 3P
   THYRISTOR(Through Hole/Isolated)
SMG16C60F SANREX-SMG16C60F Datasheet
462Kb / 3P
   THYRISTOR(Through Hole/Isolated)
SMG12C60F SANREX-SMG12C60F Datasheet
462Kb / 3P
   THYRISTOR(Through Hole/Isolated)
SMG5C60F SANREX-SMG5C60F Datasheet
467Kb / 3P
   THYRISTOR(Through Hole/Isolated)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com