Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC157DR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74AC157DR2
Description  Quad 2-Input Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC157DR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74AC157DR2 Datasheet HTML 1Page - ON Semiconductor MC74AC157DR2 Datasheet HTML 2Page - ON Semiconductor MC74AC157DR2 Datasheet HTML 3Page - ON Semiconductor MC74AC157DR2 Datasheet HTML 4Page - ON Semiconductor MC74AC157DR2 Datasheet HTML 5Page - ON Semiconductor MC74AC157DR2 Datasheet HTML 6Page - ON Semiconductor MC74AC157DR2 Datasheet HTML 7Page - ON Semiconductor MC74AC157DR2 Datasheet HTML 8Page - ON Semiconductor MC74AC157DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74AC157, MC74ACT157
http://onsemi.com
4
DC CHARACTERISTICS
74AC
74AC
Symbol
Parameter
VCC
(V)
TA = +25°C
TA =
−40
°C to
+85
°C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
3.0
1.5
2.1
2.1
VOUT = 0.1 V
ug
e e
Input Voltage
4.5
2.25
3.15
3.15
V
or VCC − 0.1 V
5.5
2.75
3.85
3.85
VIL
Maximum Low Level
3.0
1.5
0.9
0.9
VOUT = 0.1 V
au
oe e
Input Voltage
4.5
2.25
1.35
1.35
V
or VCC − 0.1 V
5.5
2.75
1.65
1.65
VOH
Minimum High Level
3.0
2.99
2.9
2.9
IOUT = −50 mA
ug
e e
Output Voltage
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
3.0
2.56
2.46
V
−12 mA
4.5
3.86
3.76
V
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
3.0
0.002
0.1
0.1
IOUT = 50 mA
au
oe e
Output Voltage
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
3.0
0.36
0.44
V
12 mA
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
55
±01
±10
mA
VI =VCC GND
au
u
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
IOLD
†Minimum Dynamic
5.5
75
mA
VOLD = 1.65 V Max
IOHD
†y
Output Current
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
55
80
80
mA
VIN =VCC or GND
a
u
Qu esce
Supply Current
5.5
8.0
80
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE:
IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74AC
74AC
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
7.0
11.5
1.5
13.0
ns
3−6
tPLH
o aga o
e ay
S to Zn
5.0
1.5
5.5
9.0
1.5
10.0
ns
3−6
tPHL
Propagation Delay
3.3
1.5
6.5
11.0
1.5
12.0
ns
3−6
tPHL
Pro agation Delay
S to Zn
5.0
1.5
5.0
8.5
1.0
9.5
ns
3−6
tPLH
Propagation Delay
3.3
1.5
7.0
11.5
1.5
13.0
ns
3−6
tPLH
Pro agation Delay
E to Zn
5.0
1.5
5.5
9.0
1.5
10.0
ns
3−6
tPHL
Propagation Delay
3.3
1.5
6.5
11.0
1.5
12
ns
3−6
tPHL
Pro agation Delay
En to Zn
5.0
1.5
5.5
9.0
1.0
9.5
ns
3−6
tPLH
Propagation Delay
3.3
1.5
5.0
8.5
1.0
9.0
ns
3−5
tPLH
Pro agation Delay
In to Zn
5.0
1.5
4.0
6.5
1.0
7.0
ns
3−5
tPHL
Propagation Delay
3.3
1.5
5.0
8.0
1.0
9.0
ns
3−5
tPHL
Pro agation Delay
In to Zn
5.0
1.5
4.0
6.5
1.0
7.0
ns
3−5
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
*Voltage Range 5.0 V is 5.0 V
±0.5 V.


Similar Part No. - MC74AC157DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC157DR2G ONSEMI-MC74AC157DR2G Datasheet
99Kb / 9P
   Quad 2-Input Multiplexer
January, 2015 ??Rev. 8
More results

Similar Description - MC74AC157DR2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com