Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT139M Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74ACT139M
Description  DUAL 1-OF-4 DECODER/DEMULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT139M Datasheet(HTML) 1 Page - ON Semiconductor

  MC74ACT139M Datasheet HTML 1Page - ON Semiconductor MC74ACT139M Datasheet HTML 2Page - ON Semiconductor MC74ACT139M Datasheet HTML 3Page - ON Semiconductor MC74ACT139M Datasheet HTML 4Page - ON Semiconductor MC74ACT139M Datasheet HTML 5Page - ON Semiconductor MC74ACT139M Datasheet HTML 6Page - ON Semiconductor MC74ACT139M Datasheet HTML 7Page - ON Semiconductor MC74ACT139M Datasheet HTML 8Page - ON Semiconductor MC74ACT139M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2002
July, 2002 – Rev. 6
1
Publication Order Number:
MC74AC139/D
MC74AC139, MC74ACT139
Dual 1-of-4
Decoder/Demultiplexer
The MC74AC139/74ACT139 is a high–speed, dual 1–of–4
decoder/demultiplexer. The device has two independent decoders,
each accepting two inputs and providing four mutually–exclusive
active–LOW outputs. Each decoder has an active–LOW Enable input
which can be used as a data input for a 4–output demultiplexer. Each
half of the MC74AC139/74ACT139 can be used as a function
generator providing four minterms of two variables.
Multifunctional Capability
Two Completely Independent 1–of–4 Decoders
Active LOW Mutually Exclusive Outputs
Outputs Source/Sink 24 mA
′ACT139 Has TTL Compatible Inputs
15
16
14
13
12
11
10
2
1
3
4
567
VCC
9
8
Eb
A0b
A1b
Ea
GND
O0b
O1b O2b
O3b
A0a
A1a
O0a O1a O2a
O3a
Figure 1. Pinout: 16–Lead Packages Conductors
(Top View)
PIN ASSIGNMENT
PIN
FUNCTION
A0, A1
Address Inputs
E
Enable Inputs
O0–O3
Outputs
TRUTH TABLE
Inputs
Outputs
E
A0
A1
O0
O1
O2
O3
H
X
X
H
H
H
H
L
L
L
L
H
H
H
L
H
L
H
L
H
H
L
L
H
H
H
L
H
L
H
H
H
H
H
L
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
http://onsemi.com
DIP–16
N SUFFIX
CASE 648
1
16
SO–16
D SUFFIX
CASE 751B
1
16
Device
Package
Shipping
ORDERING INFORMATION
MC74AC139N
PDIP–16
25 Units/Rail
MC74AC139D
SOIC–16
48 Units/Rail
MC74AC139DR2
2500 Tape & Reel
TSSOP–16
DT SUFFIX
CASE 948F
MC74AC139DT
TSSOP–16
96 Units/Rail
MC74AC139DTR2
TSSOP–16
SOIC–16
2500 Tape & Reel
MC74ACT139N
PDIP–16
25 Units/Rail
MC74ACT139D
SOIC–16
48 Units/Rail
MC74ACT139DR2
2500 Tape & Reel
MC74ACT139DT
TSSOP–16
96 Units/Rail
SOIC–16
1
16
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION
1
16
EIAJ–16
M SUFFIX
CASE 966
MC74AC139M
EIAJ–16
MC74AC139MEL
EIAJ–16
2000 Tape & Reel
MC74ACT139M
EIAJ–16
MC74ACT139MEL
EIAJ–16
2000 Tape & Reel
50 Units/Rail
50 Units/Rail


Similar Part No. - MC74ACT139M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT139M ONSEMI-MC74ACT139M Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74ACT139M ONSEMI-MC74ACT139M Datasheet
176Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74ACT139MEL ONSEMI-MC74ACT139MEL Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74ACT139MEL ONSEMI-MC74ACT139MEL Datasheet
176Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
More results

Similar Description - MC74ACT139M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
   DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
   Dual 1-of-4 decoder/demultiplexer
January 1995
logo
Motorola, Inc
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
   Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
logo
Fairchild Semiconductor
74AC139 FAIRCHILD-74AC139 Datasheet
98Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Motorola, Inc
SN54LS155 MOTOROLA-SN54LS155 Datasheet
210Kb / 6P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54F139DM NSC-54F139DM Datasheet
166Kb / 8P
   Dual 1-of-4 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com