Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP17DWR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EP17DWR2
Description  3.3V / 5V ECL Quad Differential Driver/Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP17DWR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EP17DWR2 Datasheet HTML 1Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 2Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 3Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 4Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 5Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 6Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 7Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
September, 2002 – Rev. 4
1
Publication Order Number:
MC10EP17/D
MC10EP17, MC100EP17
3.3V / 5VECL Quad
Differential Driver/Receiver
The MC10/100EP17 is a 4-bit differential line receiver based on the
EP16 device. The >3.0 GHz maximum frequency provided by the high
frequency outputs makes the device ideal for buffering of very high
speed oscillators.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01
mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The design incorporates two stages of gain, internal to the device,
making it an excellent choice for use in high bandwidth amplifier
applications.
Inputs of unused gates can be left open and will not affect the
operation of the rest of the device. All VCC and VEE pins must be
externally connected to power supply to guarantee proper operation.
The 100 Series contains temperature compensation.
220 ps Typical Propagation Delay
Maximum Frequency >3.0 GHz Typical
PECL Mode Operating Range: V
CC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: V
CC = 0 V
with VEE = –3.0 V to –5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Output Will Default LOW with Inputs Open or at V
EE
V
BB Output
Device
Package
Shipping
ORDERING INFORMATION
MC10EP17DT
TSSOP–20
75 Units/Rail
MC10EP17DTR2
2500 Tape & Reel
TSSOP–20
DT SUFFIX
CASE 948E
MARKING
DIAGRAMS*
XXXX
= MC10 or 100
XXX
= 10 or 100
A
= Assembly Location
L,
= Assembly Lot
WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
*For additional information, see Application Note
AND8002/D
XXXX
EP17
ALYW
20
1
MC100EP17DT
75 Units/Rail
MC100EP17DTR2
2500 Tape & Reel
TSSOP–20
TSSOP–20
TSSOP–20
SO–20
DW SUFFIX
CASE 751D
1
20
1
20
MC10EP17DW
SO–20
38 Units/Rail
MC10EP17DWR2
1000 Tape & Reel
MC100EP17DW
38 Units/Rail
MC100EP17DWR2
1000 Tape & Reel
SO–20
SO–20
SO–20
1
20
MCXXXEP17
AWLYYWW
http://onsemi.com


Similar Part No. - MC100EP17DWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP17DWR2 ONSEMI-MC100EP17DWR2 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC100EP17DWR2G ONSEMI-MC100EP17DWR2G Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC100EP17DWR2G ONSEMI-MC100EP17DWR2G Datasheet
200Kb / 11P
   ECL Quad Differential Driver/Receiver
July, 2016 ??Rev. 9
More results

Similar Description - MC100EP17DWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com