Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA1394-6-W Datasheet(PDF) 2 Page - Neutrik AG

Part # NA1394-6-W
Description  Firewire 6 with IEEE 1394 6 pole receptacles on both ends, Nickel D-housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NA1394-6-W Datasheet(HTML) 2 Page - Neutrik AG

  NA1394-6-W Datasheet HTML 1Page - Neutrik AG NA1394-6-W Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Information
Product
Title
NA1394-6-W
Connection Type
Firewire
Gender
female
Mechanical
Wiresize
Mounting direction
Front mounting
Chassis shape
D
Material
Contact plating
Au
Contacts
Brass (CuZn39Pb3)
Insert
PBTP 15 % GR
Shell
Zinc diecast (ZnAl4Cu1)
Shell plating
Nickel
Environmental
Flammability
UL 94 V-0
Standard compliance
IEEE 1394
Temperature range
-25 °C to +85 °C
NA1394-6-W
2
/2


Similar Part No. - NA1394-6-W

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NA1394-6-W-B NEUTRIK-NA1394-6-W-B Datasheet
91Kb / 2P
   Firewire 6 with IEEE 1394 6 pole receptacles on both ends, black D-housing
More results

Similar Description - NA1394-6-W

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NA1394-6-W-B NEUTRIK-NA1394-6-W-B Datasheet
91Kb / 2P
   Firewire 6 with IEEE 1394 6 pole receptacles on both ends, black D-housing
logo
Tripp Lite. All Rights ...
F005-006 TRIPPLITE-F005-006 Datasheet
479Kb / 4P
   FireWire IEEE 1394 Cable (6pin/6pin) 6-ft
logo
Glenair, Inc.
963-006 GLENAIR-963-006 Datasheet
214Kb / 1P
   IEEE 1394 (Firewire)
logo
Tripp Lite. All Rights ...
F005006 TRIPPLITE-F005006 Datasheet
473Kb / 2P
   FireWire IEEE 1394 Cable (6pin-6pin M-M) 6-ft
F009006 TRIPPLITE-F009006 Datasheet
474Kb / 2P
   FireWire IEEE 1394 Cable (4pin-4pin M-M) 6-ft
F007006 TRIPPLITE-F007006 Datasheet
472Kb / 2P
   FireWire IEEE 1394 Cable (6pin-4pin M-M) 6-ft.
logo
MRV Communications, Inc...
SFP-1394A MRV-SFP-1394A Datasheet
512Kb / 3P
   IEEE 1394 SFP (FireWire / i.Link)
logo
Assmann Electronics Inc...
AK-1394-30-R ASSMANN-AK-1394-30-R Datasheet
88Kb / 1P
   IEEE 1394 Cable - 6 Pin
logo
Adam Technologies, Inc.
USBASRA ADAM-TECH-USBASRA Datasheet
152Kb / 1P
   USB, MINI USB, FIREWIRE & MINI FIREWIRE UNIVERSAL SERIAL BUS & IEEE 1394 FIREWIRE
logo
Assmann Electronics Inc...
AK-1394-18 ASSMANN-AK-1394-18 Datasheet
88Kb / 1P
   IEEE 1394 Cable -6 Pin, Male
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com