Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2148IDGN Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2148IDGN
Description  LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2148IDGN Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2148IDGN Datasheet HTML 7Page - Texas Instruments TPS2148IDGN Datasheet HTML 8Page - Texas Instruments TPS2148IDGN Datasheet HTML 9Page - Texas Instruments TPS2148IDGN Datasheet HTML 10Page - Texas Instruments TPS2148IDGN Datasheet HTML 11Page - Texas Instruments TPS2148IDGN Datasheet HTML 12Page - Texas Instruments TPS2148IDGN Datasheet HTML 13Page - Texas Instruments TPS2148IDGN Datasheet HTML 14Page - Texas Instruments TPS2148IDGN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TPS2145, TPS2147
TPS2155, TPS2157
SLVS333 − AUGUST 2001
11
www.ti.com
PARAMETER MEASUREMENT INFORMATION
toff
tpd(off)
ton
tpd(on)
50%
50%
90%
90%
10%
10%
tr
tf
90%
90%
10%
10%
VI(ENx)
VO(OUTx)
VO(OUTx)
TIMING
Figure 2. Timing and Internal Voltage Regulator Transition Waveforms
TYPICAL CHARACTERISTICS
Figure 3
VO(OUT)
(2 V/div)
VI = 5 V
TA = 25°C
CL = 1 µF
RL = 25 Ω
SWITCH TURNON DELAY AND RISE TIME
WITH 1-
µF LOAD
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4.2
t − Time − ms
VI(EN)
(5 V/div)
Figure 4
SWITCH TURNOFF DELAY AND FALL TIME
WITH 1-
µF LOAD
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4.2
t − Time − ms
VO(OUT)
(2 V/div)
VI = 5 V
TA = 25°C
CL = 1 µF
RL = 25 Ω
VI(EN)
(5 V/div)


Similar Part No. - TPS2148IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2148IDGN TI-TPS2148IDGN Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2148IDGN TI-TPS2148IDGN Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148IDGN TI-TPS2148IDGN Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2148IDGN TI1-TPS2148IDGN Datasheet
444Kb / 22P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148IDGNG4 TI1-TPS2148IDGNG4 Datasheet
444Kb / 22P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
More results

Similar Description - TPS2148IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2145 TI-TPS2145_08 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
M/A-COM Technology Solu...
M02067 MA-COM-M02067 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Advanced Analogic Techn...
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com