Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAHDMI-W-B Datasheet(PDF) 2 Page - Neutrik AG

Part # NAHDMI-W-B
Description  HDMI feedthrough adapter, black D-shape housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NAHDMI-W-B Datasheet(HTML) 2 Page - Neutrik AG

  NAHDMI-W-B Datasheet HTML 1Page - Neutrik AG NAHDMI-W-B Datasheet HTML 2Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Information
Product
Title
NAHDMI-W-B
Connection Type
Adapter
Gender
female
Mechanical
Wiresize
Mounting direction
Front mounting
Chassis shape
D
Lifetime
> 1000 mating cycles
Material
Contact plating
Au
Contacts
Brass (CuZn39Pb3)
Insert
PBT
Shell
Zinc diecast (ZnAl4Cu1)
Shell plating
Black chromium
Environmental
Flammability
UL 94 V-0
Standard compliance
HDMI 2.0 specifications
Temperature range
-25 °C to +85 °C
NAHDMI-W-B
2
/2


Similar Part No. - NAHDMI-W-B

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NAHDMI-W NEUTRIK-NAHDMI-W Datasheet
97Kb / 2P
   HDMI feedthrough adapter, D-shape housing
More results

Similar Description - NAHDMI-W-B

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NAHDMI-W NEUTRIK-NAHDMI-W Datasheet
97Kb / 2P
   HDMI feedthrough adapter, D-shape housing
NE8FDX-P6-B NEUTRIK-NE8FDX-P6-B Datasheet
95Kb / 2P
   D-shape CAT6 panel connector, shielded, feedthrough, black housing
NBB75DFGB NEUTRIK-NBB75DFGB Datasheet
80Kb / 3P
   Grounded BNC chassis connector, feedthrough in black D-shape housing
NBB75DFIB NEUTRIK-NBB75DFIB Datasheet
91Kb / 3P
   Isolated BNC chassis connectors, feedthrough in black D-shape housing
NADB9FF-B NEUTRIK-NADB9FF-B Datasheet
67Kb / 2P
   9 pole D-SUB feedthrough, female to female, black D-shape housing
NADB9MF-B NEUTRIK-NADB9MF-B Datasheet
88Kb / 2P
   9 pole D-SUB feedthrough, male to female, black D-shape housing
NADB15MF-B NEUTRIK-NADB15MF-B Datasheet
68Kb / 2P
   15 pole D-SUB feedthrough, male to female, black D-shape housing
NADB15FF-B NEUTRIK-NADB15FF-B Datasheet
87Kb / 2P
   15 pole D-SUB feedthrough, female to female, black D-shape housing
NE8FDX-P6 NEUTRIK-NE8FDX-P6 Datasheet
85Kb / 2P
   D-shape CAT6 panel connector, shielded, feedthrough, Nickel housing
NBB75DFG NEUTRIK-NBB75DFG Datasheet
87Kb / 3P
   Grounded BNC chassis connector, feedthrough in nickel D-shape housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com