Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2155IPWP Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2155IPWP
Description  LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2155IPWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2155IPWP Datasheet HTML 5Page - Texas Instruments TPS2155IPWP Datasheet HTML 6Page - Texas Instruments TPS2155IPWP Datasheet HTML 7Page - Texas Instruments TPS2155IPWP Datasheet HTML 8Page - Texas Instruments TPS2155IPWP Datasheet HTML 9Page - Texas Instruments TPS2155IPWP Datasheet HTML 10Page - Texas Instruments TPS2155IPWP Datasheet HTML 11Page - Texas Instruments TPS2155IPWP Datasheet HTML 12Page - Texas Instruments TPS2155IPWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TPS2145, TPS2147
TPS2155, TPS2157
SLVS333 − AUGUST 2001
9
www.ti.com
Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PWP-14
DGQ-10
I/O
DESCRIPTION
NAME
TPS2145
TPS2155
TPS2147
TPS2157
EN1
14
10
I
Logic level enable to transfer power to OUT1
EN1
14
10
I
Logic level enable to transfer power to OUT1
EN2
13
9
I
Logic level enable to transfer power to OUT2
EN2
13
9
I
Logic level enable to transfer power to OUT2
GND
8
8
6
6
Ground
LDO_ADJ
7
7
I
User feedback for adjustable regulator
LDO_EN
10
10
I
Logic level LDO enable. Active high.
LDO_OUT
4
4
4
4
O
LDO output
NC
6, 9
6, 9
No connection
OC1
12
12
8
8
O
Overcurrent status flag for OUT1. Open-drain output.
OC2
11
11
7
7
O
Overcurrent status flag for OUT2. Open-drain output.
OUT1
1
1
1
1
O
Switch 1 output
OUT2
5
5
5
5
O
Switch 2 output
SWIN2
3
3
3
3
I
Input for switch 2
VIN/SWIN1
2
2
2
2
I
Input for LDO and switch 1; device supply voltage
detailed description
VIN/SWIN1
The VIN/SWIN1 serves as the input to the internal LDO and as the input to one N-channel MOSFET. The fixed
or adjustable LDO has a dropout voltage of 0.35 V and is rated for 200 mA of continuous current. The power
switch is an N-channel MOSFET with a maximum on-state resistance of 580 m
Ω. Configured as a high-side
switch, the power switch prevents current flow from OUT to IN and IN to OUT when disabled. The power switch
is rated at 200 mA, continuous current. VIN/SWIN1 must be connected to a voltage source for device operation.
SWIN2
SWIN2 is the input to the other N-channel MOSFET, which also has a maximum on-state resistance of 580 m
Ω.
Configured as a high-side switch, the power switch prevents current flow from OUT to IN and IN to OUT when
disabled. The power switch is rated at 200 mA, continuous current.
OUTx
OUT1 and OUT2 are the outputs from the internal power-distribution switches.
LDO_OUT
LDO_OUT is the output of the internal 200-mA LDO. The fixed version of the LDO has an output of 3.3 V. The
adjustable version has an output voltage range of 1 V to 3.3 V.
LDO_ADJ
This input only applies to the adjustable LDO version of this device (TPS2145/55). LDO_ADJ is used to adjust
the output voltage anywhere between 1 V and 3.3 V.
LDO_EN
The active high input, LDO_EN, only applies to the adjustable LDO version of this device (TPS2145/55).
LDO_EN is used to enable the internal LDO and is compatible with TTL and CMOS logic.


Similar Part No. - TPS2155IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2155IPWP TI-TPS2155IPWP Datasheet
268Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2155IPWP TI-TPS2155IPWP Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2155IPWP TI-TPS2155IPWP Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2155IPWPG4 TI-TPS2155IPWPG4 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
More results

Similar Description - TPS2155IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2145 TI-TPS2145_08 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
logo
M/A-COM Technology Solu...
M02067 MA-COM-M02067 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
logo
NXP Semiconductors
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
   Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Advanced Analogic Techn...
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com