Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-04-E120JKH Datasheet(PDF) 1 Page - Kemet Corporation

Part # SC-04-E120JKH
Description  KEMET, SC_JKH, AC Line Filters, Common Mode, 0.012 H
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-04-E120JKH Datasheet(HTML) 1 Page - Kemet Corporation

  SC-04-E120JKH Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SC-04-E120JKH
(UALSC04E120JKH)
KEMET, SC_JKH, AC Line Filters, Common Mode, 0.012 H
Dimensions
D
34mm MAX
T
34mm MAX
H
27mm MAX
LL
3.5mm +/-1mm
S
11mm NOM
Packaging Specifications
Packaging: Tray
Packaging Quantity: 150
Weight: 48.2 g
General Information
Series: SC_JKH
Style: Through-Hole
RoHS: Yes
Notes: Lead Spacing (S/S1) Are For
Reference Only.
Miscellaneous: Temperature Rise Maximum: 40
K
Specifications
Voltage AC: 250 VAC
Inductance: 12 mH
Current: 4 A
Temperature Range: -25/+120°C
DC Resistance: 75 mOhms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/18/2019 - fa883bfa-1390-412f-9679-bd20ce544155


Similar Part No. - SC-04-E120JKH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-04-E17J KEMET-SC-04-E17J Datasheet
1Mb / 20P
   Common Mode SC Coils, SC-J Series, Terminal Base Type
More results

Similar Description - SC-04-E120JKH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-02-E120JKH KEMET-SC-02-E120JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 0.012 H
SC-05-E100JKH KEMET-SC-05-E100JKH Datasheet
98Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 0.01 H
SC-02-E50JKH KEMET-SC-02-E50JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 5400 uH
SC-04-E60JKH KEMET-SC-04-E60JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 6000 uH
SC-05-E75JKH KEMET-SC-05-E75JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 8100 uH
SC-02-E60JKH KEMET-SC-02-E60JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 6000 uH
SC-06-E42JKH KEMET-SC-06-E42JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 4200 uH
SC-06-E70JKH KEMET-SC-06-E70JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 7000 uH
SC-02-E30JKH KEMET-SC-02-E30JKH Datasheet
99Kb / 1P
   KEMET, SC_JKH, AC Line Filters, Common Mode, 3000 uH
SSR10H-14140 KEMET-SSR10H-14140 Datasheet
238Kb / 1P
   KEMET, SSR10V/H, AC Line Filters, Common Mode, 0.014 H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com