Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD8220RSAR Datasheet(PDF) 6 Page - Texas Instruments

Part # UCD8220RSAR
Description  DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD8220RSAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCD8220RSAR Datasheet HTML 2Page - Texas Instruments UCD8220RSAR Datasheet HTML 3Page - Texas Instruments UCD8220RSAR Datasheet HTML 4Page - Texas Instruments UCD8220RSAR Datasheet HTML 5Page - Texas Instruments UCD8220RSAR Datasheet HTML 6Page - Texas Instruments UCD8220RSAR Datasheet HTML 7Page - Texas Instruments UCD8220RSAR Datasheet HTML 8Page - Texas Instruments UCD8220RSAR Datasheet HTML 9Page - Texas Instruments UCD8220RSAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
UCD8220, UCD8620
SLUS652B – MARCH 2005 – REVISED SEPTEMBER 2005
V
DD = 12 V, 4.7-µF capacitor from VDD to AGND, 1 µF from PVDD to PGND, 0.22-µF capacitor from 3V3 to AGND,
T
A = TJ = -40°C to 105°C, (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY SECTION
UCD8620
500
800
Supply current, OFF
VDD = 4.2 V
µA
UCD8220
300
500
(UCD8620), outputs not switching, CLK = low
2
3
Supply current, ON
mA
(UCD8220), outputs not switching, CLK = low
2
3
LOW VOLTAGE UNDERVOLTAGE LOCKOUT (UCD8220 only)
VDD UVLO ON
4.25
4.5
4.75
V
VDD UVLO OFF
4.05
4.25
4.45
VDD UVLO hysteresis
150
250
350
mV
110-V HIGH VOLTAGE UNDERVOLTAGE LOCKOUT AND JFET CONTROL (UCD8620 ONLY)
VDD UVLO ON
12.5
13
13.5
VDD UVLO OFF
7
7.5
8
JFET turn-off threshold (VSTART_JFET) No switching, JFET on at startup
12.5
13
13.5
V
JFET turn-on threshold
No switching
11.5
12
12.5
JFET on/off hysteresis
1
VDD < 5 V, VIN = 18 V to 76 V
3
5
8
High voltage JFET current
mA
VDD = 12 V, VIN = 18 V to 76 V
10
Thermal shutdown, OFF (1)
VDD = 5 V to 12 V
130
145
160
°C
Thermal shutdown, ON (1)
VDD > 5 V
110
125
140
REFERENCE / EXTERNAL BIAS SUPPLY
3V3 initial set point
TA = 25°C, ILOAD = 0
3.267
3.3
3.333
V
3V3 set point over temperature
3.234
3.3
3.366
3V3 load regulation
ILOAD = 1 mA to 10 mA, VDD = 5 V
-
1
6.6
mV
3V3 line regulation
VDD = 4.75 V to 12 V, ILOAD = 10 mA
-
1
6.6
Short circuit current
VDD = 4.75 to 12 V
11
20
35
mA
3V3 OK threshold, ON
3.3 V rising
2.9
3.0
3.1
V
3V3 OK threshold, OFF
3.3 V falling
2.7
2.8
2.9
CLOCK INPUT (CLK)
HIGH, positive-going input threshold
1.65
-
2.08
voltage (VIT+)
LOW negative-going input threshold
1.16
-
1.5
V
voltage (VIT-)
Input voltage hysteresis,
0.6
-
0.8
(VIT+ - VIT-)
Frequency
OUTx = 1 MHz
-
-
2
MHz
Minimum allowable off time (1)
20
ns
SLOPE COMPENSATION (ISET)
ISET Voltage
VISET , 3V3 = 3.3 V, +/-2%
1.78
1.84
1.90
V
RISET = 6.19 kΩ to AGND, CS = 0.25 V, CTRL = 2.5 V
1.48
2.12
2.76
m, VSLOPE (I-Mode)
RISET = 100 kΩ to AGND, CS = 0.25 V, CTRL = 2.5 V
0.099
0.142
0.185
RISET = 499 kΩ to AGND, CS = 0.25 V, CTRL = 2.5 V
0.019
0.028
0.037
V/µs
RISET = 4.99 kΩ to 3V3, CTRL = 2.5 V
1.44
2.06
2.68
m, VSLOPE (V-Mode)
RISET = 100 kΩ to 3V3, CTRL = 2.5 V
0.079
0.114
0.148
RISET = 402 kΩ to 3v3, CTRL = 2.5 V
0.019
0.027
0.035
(1)
Ensured by design. Not 100% tested in production.
6


Similar Part No. - UCD8220RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD8220RSAR TI1-UCD8220RSAR Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
More results

Similar Description - UCD8220RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com