Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

M9F15403 Datasheet(HTML) 2 Page - Schneider Electric

Part No. M9F15403
Description  Multi 9 - C60H - MCB - 4P - 3 A - D Curve - 415 V - 15 kA
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

M9F15403 Datasheet(HTML) 2 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 2 page
background image
50 kA 100 % EN/IEC 60947-2 - <= 250 V DC
[Ui] rated insulation voltage
500 V AC 50/60 Hz EN/IEC 60947-2
[Uimp] rated impulse withstand voltage
6 kVEN/IEC 60947-2
Contact position indicator
Yes
Control type
Toggle
Local signalling
ON/OFF indication
Mounting mode
Clip-on
Mounting support
DIN rail
9 mm pitches
8
Height
3.19 in (81 mm)
Width
2.83 in (72 mm)
Depth
2.83 in (72 mm)
Net weight
1.06 lb(US) (0.48 kg)
Color
Grey
Mechanical durability
20000 cycles
Electrical durability
10000 cycles
Provision for padlocking
Padlockable
Connections - terminals
Tunnel type terminal top or bottom) 0.00…0.04 in² (1…25 mm²) - rigid
Tunnel type terminal top or bottom) 0.00…0.04 in² (1…25 mm²) - flexible
Tunnel type terminal top or bottom) 0.00…0.04 in² (1…25 mm²) - flexible with ferrule
Wire stripping length
0.55 in (14 mm) top or bottom
Tightening torque
17.70 lbf.in (2 N.m) top or bottom
Earth-leakage protection
Separate block
Environment
Heat dissipation
8.8 W 415 V - 3 A
IP degree of protection
IP20IEC 60529
IP40 modular enclosure)IEC 60529
Pollution degree
3 EN/IEC 60947-2
Overvoltage category
IV
Tropicalisation
2 IEC 60068-1
Relative humidity
95 % 131 °F (55 °C)
Ambient air temperature for operation
-22…158 °F (-30…70 °C)
Ambient air temperature for storage
-40…176 °F (-40…80 °C)
Ordering and shipping details
Category
00908 - C60N SUPPLEMENTARY PROTECTORS
Discount Schedule
DE2
GTIN
03606480577819
Returnability
No
Country of origin
FR
2


Html Pages

1  2 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn