Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

M9F15403 Datasheet(HTML) 1 Page - Schneider Electric

Part No. M9F15403
Description  Multi 9 - C60H - MCB - 4P - 3 A - D Curve - 415 V - 15 kA
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

M9F15403 Datasheet(HTML) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 2 page
background image
Product data sheet
Characteristics
M9F15403
Multi 9 - C60H - MCB - 4P - 3 A - D Curve - 415 V
- 15 kA
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 513.00 USD
Main
Range
Multi 9
Product name
Multi 9 C60
Product or component type
Miniature circuit-breaker
Device short name
C60H
Device application
Distribution
Poles description
4P
Number of protected poles
4
Line Rated Current
3 A 122 °F (50 °C) EN/IEC 60947-2
Network type
AC
DC
Trip unit technology
Thermal-magnetic
Curve code
D
Breaking capacity
50 kA Icu <= 250 V DC EN/IEC 60947-2
30 kA Icu 240 V AC 50/60 Hz between phases EN/IEC 60947-2
15 kA Icu 415 V AC 50/60 Hz between phases EN/IEC 60947-2
10 kA Icu 440 V AC 50/60 Hz between phases EN/IEC 60947-2
Utilisation category
Category A EN/IEC 60947-2
Suitability for isolation
Yes EN/IEC 60947-2
Standards
EN/IEC 60947-2
Product certifications
EAC
CCC
Complementary
Network frequency
50/60 Hz
[Ue] rated operational voltage
240 V AC 50/60 Hz between phases
415 V AC 50/60 Hz between phases
440 V AC 50/60 Hz between phases
<= 250 V DC
Magnetic tripping limit
12 x In +/- 20 % AC
17 x In +/- 20 % DC
[Ics] rated service breaking capacity
15 kA 50 % EN/IEC 60947-2 - 240 V AC 50/60 Hz
7.5 kA 50 % EN/IEC 60947-2 - 415 V AC 50/60 Hz
5 kA 50 % EN/IEC 60947-2 - 440 V AC 50/60 Hz
Mar 19, 2020
1


Html Pages

1  2 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn