Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG3011NT1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMG3011NT1
Description  Heterojunction Bipolar Transistor (InGaP HBT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMG3011NT1 Datasheet(HTML) 5 Page - NXP Semiconductors

  MMG3011NT1 Datasheet HTML 1Page - NXP Semiconductors MMG3011NT1 Datasheet HTML 2Page - NXP Semiconductors MMG3011NT1 Datasheet HTML 3Page - NXP Semiconductors MMG3011NT1 Datasheet HTML 4Page - NXP Semiconductors MMG3011NT1 Datasheet HTML 5Page - NXP Semiconductors MMG3011NT1 Datasheet HTML 6Page - NXP Semiconductors MMG3011NT1 Datasheet HTML 7Page - NXP Semiconductors MMG3011NT1 Datasheet HTML 8Page - NXP Semiconductors MMG3011NT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MMG3011NT1
5
RF Device Data
Freescale Semiconductor, Inc.
50 OHM APPLICATION CIRCUIT: 40--300 MHz
Figure 14. 50 Ohm Test Circuit Schematic
RF
OUTPUT
RF
INPUT
VSUPPLY
C3
C4
Z1
Z2
C1
Z5
C2
R1
L1
VCC
Z4
Z3
DUT
Figure 15. S21, S11 and S22 versus Frequency
--40
20
0
f, FREQUENCY (MHz)
S22
200
300
400
500
10
0
--10
--20
--30
Figure 16. 50 Ohm Test Circuit Component Layout
C1
L1
C2
R1
C4
C3
Z1, Z5
0.347 x 0.058 Microstrip
Z2
0.575 x 0.058 Microstrip
Z3
0.172 x 0.058 Microstrip
Z4
0.403 x 0.058 Microstrip
PCB
Getek Grade ML200C, 0.031, r =4.1
S21
100
MMG30XX
Rev 2
S11
VCC =5 Vdc
Table 8. 50 Ohm Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2, C3
0.01 F Chip Capacitors
C0603C103J5RAC
Kemet
C4
1000 pF Chip Capacitor
C0603C102J5RAC
Kemet
L1
470 nH Chip Inductor
BK2125HM471--T
Taiyo Yuden
R1
0 Ω Chip Resistor
ERJ3GEY0R00V
Panasonic


Similar Part No. - MMG3011NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3011NT1 FREESCALE-MMG3011NT1 Datasheet
305Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3011NT1 FREESCALE-MMG3011NT1 Datasheet
362Kb / 15P
   Heterojunction Bipolar Transistor
MMG3011NT1 FREESCALE-MMG3011NT1_12 Datasheet
362Kb / 15P
   Heterojunction Bipolar Transistor
More results

Similar Description - MMG3011NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1 Datasheet
224Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1 Datasheet
220Kb / 12P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3007NT1 NXP-MMG3007NT1 Datasheet
438Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
MMG3009NT1 NXP-MMG3009NT1 Datasheet
413Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
logo
Freescale Semiconductor...
MMG3007NT1 FREESCALE-MMG3007NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3010NT1 FREESCALE-MMG3010NT1_08 Datasheet
308Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3010NT1 NXP-MMG3010NT1 Datasheet
364Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 5, 3/2008
logo
Freescale Semiconductor...
MMG3009NT1 FREESCALE-MMG3009NT1_08 Datasheet
307Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3011NT1 FREESCALE-MMG3011NT1 Datasheet
305Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
MMG3008NT1 FREESCALE-MMG3008NT1 Datasheet
222Kb / 12P
   Heterojunction Bipolar Transistor(InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com