Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MMG3013NT1 Datasheet(HTML) 4 Page - NXP Semiconductors

Part No. MMG3013NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

MMG3013NT1 Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 15 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MMG3013NT1
50 OHM TYPICAL CHARACTERISTICS
10
25
0
TC =85°C
f, FREQUENCY (GHz)
Figure 2. Small--Signal Gain (S21) versus
Frequency
20
15
12
3
4
25°C
--40°C
4
--40
0
0
S22
f, FREQUENCY (GHz)
Figure 3. Input/Output Return Loss versus
Frequency
S11
--10
--20
--30
12
3
20
9
23
10
Pout, OUTPUT POWER (dBm)
Figure 4. Small--Signal Gain versus Output
Power
21
19
17
15
13
12
14
11
3.5
3
2.5
2
1.5
1
0.5
16
23
22
21
19
17
f, FREQUENCY (GHz)
Figure 5. P1dB versus Frequency
20
18
5.4
0
180
4
VCC, COLLECTOR VOLTAGE (V)
Figure 6. Collector Current versus Collector
Voltage
140
100
20
4.2
5
5.2
60
4.4
4.6
4.8
4
24
39
0
f, FREQUENCY (GHz)
Figure 7. Third Order Output Intercept Point
versus Frequency
36
33
30
27
12
3
18
16
VCC =5 Vdc
900 MHz
2140 MHz
1960 MHz
2600 MHz
3500 MHz
160
120
80
40
VCC =5 Vdc
100 kHz Tone Spacing
VCC =5 Vdc
VCC =5 Vdc
VCC =5 Vdc


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn