Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MMG3013NT1 Datasheet(HTML) 7 Page - NXP Semiconductors

Part No. MMG3013NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

MMG3013NT1 Datasheet(HTML) 7 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 15 page
background image
MMG3013NT1
7
RF Device Data
Freescale Semiconductor, Inc.
50 OHM APPLICATION CIRCUIT: 800--3600 MHz
Figure 17. 50 Ohm Test Circuit Schematic
RF
OUTPUT
RF
INPUT
VSUPPLY
C3
C4
Z1
Z2
C1
Z5
C2
R1
L1
VCC
Z4
Z3
DUT
Figure 18. S21, S11 and S22 versus Frequency
--30
30
f, FREQUENCY (MHz)
S22
1200
20
10
0
--10
--20
Figure 19. 50 Ohm Test Circuit Component Layout
C1
L1
C2
R1
C4
C3
Z1, Z5
0.347″ x 0.058″ Microstrip
Z2
0.575″ x 0.058″ Microstrip
Z3
0.172″ x 0.058″ Microstrip
Z4
0.403″ x 0.058″ Microstrip
PCB
Getek Grade ML200C, 0.031″, εr =4.1
S21
S11
1600
800
2000
2400
2800
3200
3600
MMG30XX
Rev 2
VCC =5 Vdc
Table 9. 50 Ohm Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
150 pF Chip Capacitors
C0603C151J5RAC
Kemet
C3
0.1 μF Chip Capacitor
C0603C104J5RAC
Kemet
C4
1 μF Chip Capacitor
C0603C105J5RAC
Kemet
L1
56 nH Chip Inductor
HK160856NJ--T
Taiyo Yuden
R1
0 Ω Chip Resistor
ERJ3GEY0R00V
Panasonic


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn