Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDQ7238AS_NF40 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDQ7238AS_NF40
Description  Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDQ7238AS_NF40 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDQ7238AS_NF40 Datasheet HTML 1Page - Fairchild Semiconductor FDQ7238AS_NF40 Datasheet HTML 2Page - Fairchild Semiconductor FDQ7238AS_NF40 Datasheet HTML 3Page - Fairchild Semiconductor FDQ7238AS_NF40 Datasheet HTML 4Page - Fairchild Semiconductor FDQ7238AS_NF40 Datasheet HTML 5Page - Fairchild Semiconductor FDQ7238AS_NF40 Datasheet HTML 6Page - Fairchild Semiconductor FDQ7238AS_NF40 Datasheet HTML 7Page - Fairchild Semiconductor FDQ7238AS_NF40 Datasheet HTML 8Page - Fairchild Semiconductor FDQ7238AS_NF40 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FDQ7238AS Rev A (X)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Type
Min
Typ
Max Units
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
Q2
Q1
12
9
21
18
ns
tr
Turn-On Rise Time
Q2
Q1
13
5
23
10
ns
td(off)
Turn-Off Delay Time
Q2
Q1
30
27
49
43
ns
tf
Turn-Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 10V,
RGEN = 6 Ω
Q2
Q1
19
4
35
8
ns
td(on)
Turn-On Delay Time
Q2
Q1
17
11
30
20
ns
tr
Turn-On Rise Time
Q2
Q1
18
15
32
26
ns
td(off)
Turn-Off Delay Time
Q2
Q1
28
16
44
29
ns
tf
Turn-Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 4.5V,
RGEN = 6 Ω
Q2
Q1
13
9
23
18
ns
Qg(TOT)
Total Gate Charge, VGS = 10V
Q2
Q1
28
17
39
24
nC
Qg(TOT)
Total Gate Charge, VGS = 5V
Q2
Q1
15
9
21
19
nC
Qgs
Gate-Source Charge
Q2
Q1
4.1
2.7
nC
Qgd
Gate-Drain Charge
Q2
VDS = 15 V, ID = 14A
Q1
VDS = 15 V, ID = 11A
Q2
Q1
4.9
3.3
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
Q2
Q1
3.4
2.1
A
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V,
IS = 3.4 A
(Note 2)
VGS = 0 V,
IS = 1.9 A
(Note 2)
VGS = 0 V,
IS = 2.1 A
(Note 2)
Q2
Q1
0.5
0.4
0.7
0.7
1.2
V
trr
Diode Reverse Recovery Time
22
ns
Qrr
Diode Reverse Recovery Charge
IF = 14A
dIF/dt = 300 A/µs
Q2
15
nC
trr
Diode Reverse Recovery Time
16
ns
Qrr
Diode Reverse Recovery Charge
IF = 11A
dIF/dt = 100 A/µs
Q1
5
nC
NOTE :
1.
RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting
surface of the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. FDQ7238AS_NL is a lead free product. The FDQ7238AS_NL marking will appear on the reel label.
4. FDQ7238AS_NF40 is a lead free product. The FDQ7238AS_NF40 marking will appear on the reel label.
a)
68°C/W when
mounted on a 1in
2 pad
of 2 oz copper (Q1).
b)
52°C/W when
mounted on a 1in
2 pad
of 2 oz copper (Q2).
c)
118°C/W when mounted
on a minimum pad of 2 oz
copper (Q1).
d)
94°C/W when mounted on
a minimum pad of 2 oz
copper (Q2).


Similar Part No. - FDQ7238AS_NF40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDQ7238AS FAIRCHILD-FDQ7238AS_08 Datasheet
419Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
More results

Similar Description - FDQ7238AS_NF40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDQ7238S FAIRCHILD-FDQ7238S Datasheet
244Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238AS FAIRCHILD-FDQ7238AS_08 Datasheet
419Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7244S FAIRCHILD-FDQ7244S Datasheet
301Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7236AS FAIRCHILD-FDQ7236AS Datasheet
385Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench짰 in SO-14 Package
FDQ7698S FAIRCHILD-FDQ7698S Datasheet
299Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984S FAIRCHILD-FDS6984S Datasheet
552Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com