Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC32D Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74AC32D
Description  QUAD 2-INPUT OR GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC32D Datasheet(HTML) 1 Page - ON Semiconductor

  MC74AC32D Datasheet HTML 1Page - ON Semiconductor MC74AC32D Datasheet HTML 2Page - ON Semiconductor MC74AC32D Datasheet HTML 3Page - ON Semiconductor MC74AC32D Datasheet HTML 4Page - ON Semiconductor MC74AC32D Datasheet HTML 5Page - ON Semiconductor MC74AC32D Datasheet HTML 6Page - ON Semiconductor MC74AC32D Datasheet HTML 7Page - ON Semiconductor MC74AC32D Datasheet HTML 8Page - ON Semiconductor MC74AC32D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 7
1
Publication Order Number:
MC74AC32/D
MC74AC32, MC74ACT32
Quad 2−Input OR Gate
Features
Outputs Source/Sink 24 mA
′ACT32 Has TTL Compatible Inputs
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Supply Voltage (Referenced to GND)
VCC
−0.5 to +7.0
V
DC Input Voltage (Referenced to GND)
Vin
−0.5 to VCC
+0.5
V
DC Output Voltage (Referenced to GND)
Vout
−0.5 to VCC
+0.5
V
DC Input Current, per Pin
Iin
±20
mA
DC Output Sink/Source Current, per Pin
Iout
±50
mA
DC VCC or GND Current per Output Pin
ICC
±50
mA
Storage Temperature
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
RecommendedOperating Conditions may affect device reliability.
13
14
12
11
10
9
8
2
1
34567
VCC
GND
Figure 1. Pinout: 14−Lead Packages Conductors
(Top View)
http://onsemi.com
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOEIAJ−14
M SUFFIX
CASE 965
SOIC−14
D SUFFIX
CASE 751A
14
1
14
1
14
1
PDIP−14
N SUFFIX
CASE 646
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
See specific marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - MC74AC32D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC32DG ONSEMI-MC74AC32DG Datasheet
80Kb / 8P
   Quad 2-Input OR Gate
January, 2015 ??Rev. 9
MC74AC32DR2G ONSEMI-MC74AC32DR2G Datasheet
80Kb / 8P
   Quad 2-Input OR Gate
January, 2015 ??Rev. 9
MC74AC32DTR2G ONSEMI-MC74AC32DTR2G Datasheet
80Kb / 8P
   Quad 2-Input OR Gate
January, 2015 ??Rev. 9
More results

Similar Description - MC74AC32D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com