Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDS6299S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FDS6299S
Description  30V N-Channel PowerTrench SyncFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6299S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS6299S Datasheet HTML 1Page - Fairchild Semiconductor FDS6299S Datasheet HTML 2Page - Fairchild Semiconductor FDS6299S Datasheet HTML 3Page - Fairchild Semiconductor FDS6299S Datasheet HTML 4Page - Fairchild Semiconductor FDS6299S Datasheet HTML 5Page - Fairchild Semiconductor FDS6299S Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDS6299S Rev C (W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 1 mA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 1 mA, Referenced to 25°C
32
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
500
µA
IGSS
Gate–Body Leakage
VGS = ±20 V,
VDS = 0 V
±100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 1 mA
1
1.7
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 1 mA, Referenced to 25°C
–4
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 21 A
VGS = 4.5 V,
ID = 19 A
VGS=10 V, ID =21 A, TJ=125°C
3.3
4.1
4.5
3.9
5.1
5.6
m
gFS
Forward Transconductance
VDS = 10 V,
ID = 21 A
94
S
Dynamic Characteristics
Ciss
Input Capacitance
3880
pF
Coss
Output Capacitance
1030
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
310
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
0.4
1.8
3.1
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
12
22
ns
tr
Turn–On Rise Time
12
22
ns
td(off)
Turn–Off Delay Time
60
96
ns
tf
Turn–Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6 Ω
35
56
ns
Qg(TOT)
Total Gate Charge at VGS=10V
58
81
nC
Qg
Total Gate Charge at VGS=5V
31
43
nC
Qgs
Gate–Source Charge
11
nC
Qgd
Gate–Drain Charge
VDS = 15 V,
ID = 21 A
8
nC
Drain–Source Diode Characteristics and Maximum Ratings
VSD
Drain–Source Diode Forward Voltage
VGS = 0 V,
IS = 3.5 A
(Note 2)
420
700
mV
trr
Diode Reverse Recovery Time
32
ns
IRM
Diode Reverse Recovery Current
2.1
A
Qrr
Diode Reverse Recovery Charge
IF = 21 A,
dIF/dt = 300 A/µs
(Note 3)
34
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 50°/W when
mounted on a 1 in
2
pad of 2 oz copper
b) 105°/W when
mounted on a .04 in
2
pad of 2 oz copper
c) 125°/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.
3. See “SyncFET Schottky body diode characteristics” below.


Similar Part No. - FDS6299S

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6299S FAIRCHILD-FDS6299S Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
More results

Similar Description - FDS6299S

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
143Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS7064SN3 FAIRCHILD-FDS7064SN3 Datasheet
195Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDB6670S FAIRCHILD-FDB6670S Datasheet
93Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6689S FAIRCHILD-FDS6689S Datasheet
120Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6688S FAIRCHILD-FDD6688S Datasheet
181Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS7066ASN3 FAIRCHILD-FDS7066ASN3 Datasheet
144Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz