Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDS6688S Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FDS6688S
Description  30V N-Channel PowerTrench SyncFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6688S Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS6688S Datasheet HTML 1Page - Fairchild Semiconductor FDS6688S Datasheet HTML 2Page - Fairchild Semiconductor FDS6688S Datasheet HTML 3Page - Fairchild Semiconductor FDS6688S Datasheet HTML 4Page - Fairchild Semiconductor FDS6688S Datasheet HTML 5Page - Fairchild Semiconductor FDS6688S Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDS6688S Rev C (W)
Typical Characteristics (continued)
0
2
4
6
8
10
0
10203040
5060
Qg, GATE CHARGE (nC)
ID = 16.0A
VDS = 10V
20V
15V
0
1000
2000
3000
4000
5000
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
10ms
10s
100us
1ms
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 125°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJC(t) = r(t) * RθJC
RθJC = 125 °C/W
TJ - TC = P * RθJC(t)
Duty Cycle, D = t1 / t2
P(pk
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDS6688S

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6688 FAIRCHILD-FDS6688 Datasheet
141Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS6688 FAIRCHILD-FDS6688 Datasheet
116Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688 FAIRCHILD-FDS6688_04 Datasheet
116Kb / 5P
   30V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS6688S

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
143Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS7064SN3 FAIRCHILD-FDS7064SN3 Datasheet
195Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDB6670S FAIRCHILD-FDB6670S Datasheet
93Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6689S FAIRCHILD-FDS6689S Datasheet
120Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6688S FAIRCHILD-FDD6688S Datasheet
181Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7066ASN3 FAIRCHILD-FDS7066ASN3 Datasheet
144Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz