Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDS6688S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FDS6688S
Description  30V N-Channel PowerTrench SyncFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6688S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS6688S Datasheet HTML 1Page - Fairchild Semiconductor FDS6688S Datasheet HTML 2Page - Fairchild Semiconductor FDS6688S Datasheet HTML 3Page - Fairchild Semiconductor FDS6688S Datasheet HTML 4Page - Fairchild Semiconductor FDS6688S Datasheet HTML 5Page - Fairchild Semiconductor FDS6688S Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
March 2004
2004 Fairchild Semiconductor Corporation
FDS6688S Rev C (W)
FDS6688S
30V N-Channel PowerTrenchSyncFET
General Description
The FDS6688S is designed to replace a single SO-8
MOSFET and Schottky diode in synchronous DC:DC
power supplies.
This 30V MOSFET is designed to
maximize power conversion efficiency, providing a low
RDS(ON) and low gate charge. The FDS6688S includes
an
integrated
Schottky
diode
using
Fairchild’s
monolithic SyncFET technology.
Applications
• DC/DC converter
• Motor drives
Features
• 16 A, 30 V.
RDS(ON) = 6.0 mΩ @ VGS = 10 V
RDS(ON) = 7.5 mΩ @ VGS = 4.5 V
• Includes SyncFET Schottky body diode
• High performance trench technology for extremely low
RDS(ON) and fast switching
• High power and current handling capability
S
D
S
S
SO-8
D
D
D
G
4
3
2
1
5
6
7
8
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current – Continuous
(Note 1a)
16
A
– Pulsed
50
Power Dissipation for Single Operation
(Note 1a)
2.5
(Note 1b)
1.2
PD
(Note 1c)
1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +125
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6688S
FDS6688S
13’’
12mm
2500 units


Similar Part No. - FDS6688S

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6688 FAIRCHILD-FDS6688 Datasheet
141Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS6688 FAIRCHILD-FDS6688 Datasheet
116Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688 FAIRCHILD-FDS6688_04 Datasheet
116Kb / 5P
   30V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS6688S

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
143Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS7064SN3 FAIRCHILD-FDS7064SN3 Datasheet
195Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDB6670S FAIRCHILD-FDB6670S Datasheet
93Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6689S FAIRCHILD-FDS6689S Datasheet
120Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6688S FAIRCHILD-FDD6688S Datasheet
181Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7066ASN3 FAIRCHILD-FDS7066ASN3 Datasheet
144Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz