Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6984AS_NL Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS6984AS_NL
Description  Dual Notebook Power Supply N-Channel PowerTrench SyncFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6984AS_NL Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS6984AS_NL Datasheet HTML 1Page - Fairchild Semiconductor FDS6984AS_NL Datasheet HTML 2Page - Fairchild Semiconductor FDS6984AS_NL Datasheet HTML 3Page - Fairchild Semiconductor FDS6984AS_NL Datasheet HTML 4Page - Fairchild Semiconductor FDS6984AS_NL Datasheet HTML 5Page - Fairchild Semiconductor FDS6984AS_NL Datasheet HTML 6Page - Fairchild Semiconductor FDS6984AS_NL Datasheet HTML 7Page - Fairchild Semiconductor FDS6984AS_NL Datasheet HTML 8Page - Fairchild Semiconductor FDS6984AS_NL Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FDS6984AS Rev A (X)
Electrical Characteristics (continued)
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Type Min
Typ Max
Units
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
Q2
Q1
8
9
16
18
ns
tr
Turn-On Rise Time
Q2
Q1
5
6
10
12
ns
td(off)
Turn-Off Delay Time
Q2
Q1
23
22
37
35
ns
tf
Turn-Off Fall Time
VDD = 15 V, ID = 1 A,
VGS = 10V, RGEN = 6 Ω
Q2
Q1
4
2
8
4
ns
td(on)
Turn-On Delay Time
Q2
Q1
9
10
18
19
ns
tr
Turn-On Rise Time
Q2
Q1
7
11
14
20
ns
td(off)
Turn-Off Delay Time
Q2
Q1
13
13
24
24
ns
tf
Turn-Off Fall Time
VDD = 15 V, ID = 1 A,
VGS = 4.5V, RGEN = 6 Ω
Q2
Q1
4
3
8
6
ns
Qg(TOT)
Total Gate Charge, Vgs = 10V
Q2
Q1
10
8
14
11
nC
Qg
Total Gate Charge, Vgs = 5V
Q2
Q1
5
4
8
6
nC
Qgs
Gate-Source Charge
Q2
Q1
1.5
1.3
nC
Qgd
Gate-Drain Charge
Q2:
VDS = 15 V, ID = 8.5 A
Q1:
VDS = 15 V, ID = 5.5 A
Q2
Q1
1.9
1.5
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
Q2
Q1
3.0
1.3
A
trr
Reverse Recovery Time
13
ns
Qrr
Reverse Recovery Charge
IF = 10A,
dIF/dt = 300 A/µs
(Note 3)
Q2
6
nC
trr
Reverse Recovery Time
17
ns
Qrr
Reverse Recovery Charge
IF = 5.5A,
dIF/dt = 100 A/µs
(Note 3)
Q1
6
nC
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = 2.3 A
(Note 2)
VGS = 0 V, IS = 1.3 A
(Note 2)
Q2
Q1
0.6
0.8
0.7
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a)
78°C/W when
mounted on a
0.5in
2 pad of 2
oz copper
b)
125°C/W when
mounted on a
0.02 in
2 pad of
2 oz copper
c)
135°C/W when
mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. See “SyncFET Schottky body diode characteristics” below.
3. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
4. FDS6984AS_NL is a lead free product. The FDS6984AS_NL marking will appear on the reel label.


Similar Part No. - FDS6984AS_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6984AS FAIRCHILD-FDS6984AS_08 Datasheet
443Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
More results

Similar Description - FDS6984AS_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986AS FAIRCHILD-FDS6986AS Datasheet
177Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982S FAIRCHILD-FDS6982S Datasheet
256Kb / 12P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFet?
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984S FAIRCHILD-FDS6984S Datasheet
552Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6986S FAIRCHILD-FDS6986S Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6984AS FAIRCHILD-FDS6984AS_08 Datasheet
443Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_08 Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com