Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT273DTR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74ACT273DTR2
Description  OCTAL D FLIP-FLOP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT273DTR2 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74ACT273DTR2 Datasheet HTML 1Page - ON Semiconductor MC74ACT273DTR2 Datasheet HTML 2Page - ON Semiconductor MC74ACT273DTR2 Datasheet HTML 3Page - ON Semiconductor MC74ACT273DTR2 Datasheet HTML 4Page - ON Semiconductor MC74ACT273DTR2 Datasheet HTML 5Page - ON Semiconductor MC74ACT273DTR2 Datasheet HTML 6Page - ON Semiconductor MC74ACT273DTR2 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74AC273, MC74ACT273
http://onsemi.com
5
DC CHARACTERISTICS
74ACT
74ACT
Symbol
Parameter
VCC
(V)
TA = +25°C
TA =
–40
°C to
+85
°C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
ug
e e
Input Voltage
5.5
1.5
2.0
2.0
V
or VCC – 0.1 V
VIL
Maximum Low Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
au
oe e
Input Voltage
5.5
1.5
0.8
0.8
V
or VCC – 0.1 V
VOH
Minimum High Level
4.5
4.49
4.4
4.4
V
IOUT = –50 µA
ug
e e
Output Voltage
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
–24 mA
5.5
4.86
4.76
IOH
–24 mA
VOL
Maximum Low Level
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
au
oe e
Output Voltage
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
IOL
24 mA
IIN
Maximum Input
55
±01
±10
µA
VI =VCC GND
au
u
Leakage Current
5.5
±0.1
±1.0
µA
VI = VCC, GND
∆ICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC – 2.1 V
IOLD
†Minimum Dynamic
Ot
t C
t
5.5
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
–75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
55
80
80
µA
VIN =VCC or GND
a
u
Qu esce
Supply Current
5.5
8.0
80
µA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS (For Figures and Waveforms – See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74ACT
74ACT
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
fmax
Maximum Clock
50
125
200
125
MHz
3–3
fmax
Maximum Clock
Frequency
5.0
125
200
125
MHz
3–3
tPHL
Propagation Delay
50
30
60
10
25
11 0
ns
3–6
tPHL
Pro agation Delay
Clock to Output
5.0
3.0
6.0
10
2.5
11.0
ns
3–6
tPLH
Propagation Delay
50
30
65
11
25
12 0
ns
3–6
tPLH
Pro agation Delay
Clock to Output
5.0
3.0
6.5
11
2.5
12.0
ns
3–6
tPHL
Propagation Delay
50
30
70
11
25
11 5
ns
3–6
tPHL
Pro agation Delay
MR to Output
5.0
3.0
7.0
11
2.5
11.5
ns
3–6
*Voltage Range 5.0 V is 5.0 V
±0.5 V.


Similar Part No. - MC74ACT273DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT273DTR2 ONSEMI-MC74ACT273DTR2 Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
MC74ACT273DTR2G ONSEMI-MC74ACT273DTR2G Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
MC74ACT273DTR2G ONSEMI-MC74ACT273DTR2G Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
More results

Similar Description - MC74ACT273DTR2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
   Octal D Flip-Flop
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
   Octal D Flip-Flop
74FCT273 NSC-74FCT273 Datasheet
168Kb / 8P
   Octal D Flip-Flop
logo
NXP Semiconductors
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com