Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDZ2553NZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

Part No. FDZ2553NZ
Description  Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FDZ2553NZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
FDZ2553NZ Rev C (W)
Typical Characteristics
0
4
8
12
16
20
0
0.5
1
1.5
2
VDS, DRAIN-SOURCE VOLTAGE (V)
1.5V
3.5V
2.5V
2.0V
VGS =4.5V
1
1.25
1.5
1.75
2
0
4
8
12
16
20
ID, DRAIN CURRENT (A)
VGS = 2.5V
3.5V
3.0V
4.0V
4.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
o
C)
ID = 9.6A
VGS = 10V
0.005
0.015
0.025
0.035
0
2
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID =4.8 A
TA = 125
o
C
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
4
8
12
16
20
0.5
1
1.5
2
2.5
VGS , GATE TO SOURCE VOLTAGE (V)
TA = 125
o
C
25
oC
-55
oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
o
C
25
o
C
-55
o
C
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn