Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ2554PZ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDZ2554PZ
Description  Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ2554PZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDZ2554PZ Datasheet HTML 1Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 2Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 3Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 4Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 5Page - Fairchild Semiconductor FDZ2554PZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDZ2554P Rev C3 (W)
Typical Characteristics
0
5
10
15
20
0
0.5
1
1.5
2
-VDS, DRAIN-SOURCE VOLTAGE (V)
-3.0V
-3.5V
-2.5V
-2.0V
VGS = - 4.5V
0.8
1
1.2
1.4
1.6
1.8
0
5
10
15
20
-ID, DRAIN CURRENT (A)
VGS = -2.5V
-4.0V
-3.5V
-4.5V
-3.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.8
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (oC)
ID = -6.5A
VGS = -4.5V
0.01
0.03
0.05
0.07
0.09
1.5
2
2.5
3
3.5
4
4.5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -3.2A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
5
10
15
20
0.5
1
1.5
2
2.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125oC
25oC
-55oC
VDS = -5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25oC
-55oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDZ2554PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
183Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554P FAIRCHILD-FDZ2554P_07 Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results

Similar Description - FDZ2554PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ2554P FAIRCHILD-FDZ2554P_07 Datasheet
222Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2553NZ FAIRCHILD-FDZ2553NZ Datasheet
155Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
183Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com