Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FFA60UP60DN Datasheet(HTML) 3 Page - Fairchild Semiconductor

Part No. FFA60UP60DN
Description  Ultrafast Recovery Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FFA60UP60DN Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
3
www.fairchildsemi.com
FFA60UP60DN Rev. A
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 6. Forwrd Current Derating Curve
0.1
1
10
100
0.4
0.8
1.2
1.6
2.0
2.4
2.8
75°C
25°C
100°C
125°C
Forward Voltage Drop, V
F[V]
100
200
300
400
500
600
10
-10
10
-9
10
-8
10
-7
10
-6
10
-5
100°C
125°C
75°C
25C
Reverse Voltage, V
R[V]
1
10
100
25
50
75
100
125
f=1MHz
Reverse Voltage, V
R[V]
100
200
300
400
500
40
50
60
70
80
90
100
I
F=30A
T
C=25°C
di/dt [A/µS]
100
200
300
400
500
3
6
9
12
15
18
I
F=30A
T
C=25°C
di/dt [A/µS]
0
2040
6080
100
120
140
0
20
40
60
80
DC
Case Temperature, T
C[°C]


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FFP12UP20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFAF30U20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFP20UP20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
MSRD620CTSWITCHMODE Soft Ultrafast Recovery Power Rectifier 1 2 3 4 5 MoreON Semiconductor
FFPF20UP20SUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF12UP20DPUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF20UP20DPUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF30UP20DPUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFP30UP20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF20UP30SUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn