Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G66ACME Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LV1G66ACME
Description  Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G66ACME Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74LV1G66ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 9Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 10Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 11Page - Renesas Technology Corp HD74LV1G66ACME Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HD74LV1G66A
Rev.6.00, Aug.29.2003, page 8 of 11
VCC
VCC
GND
(OFF)
A
V =V
CIL
V =V
or GND
IN
CC
V
=GND
or V
OUT
CC
VCC
VCC
GND
(ON)
A
V =V
CIH
V =V
or GND
IN
CC
V
OPEN
OUT
• I (off), I (on)
SS
VCC
VCC
GND
(ON)
V =V
CIH
VIN
VOUT
C =
15 or 50 pF
L
VOL
VOH
VCC
GND
tf
tr
90% 90%
50%
50%
50%
50%
tPLH
tPHL
10%
10%
VOUT
VIN
• t
, t
PLH
PHL
Notes: 1. Input waveform : PRR
≤ 1 MHz, Zo = 50 Ω, t
r ≤ 3 ns, tf ≤ 3 ns.
2. The output are measured one at a time with one transition per measurement.


Similar Part No. - HD74LV1G66ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G66ACME RENESAS-HD74LV1G66ACME Datasheet
124Kb / 9P
   Analog Switch
More results

Similar Description - HD74LV1G66ACME

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
   Analog Switch
logo
Renesas Technology Corp
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
   Analog Switch
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
   Analog Switch
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
   Analog switch
Rev.1.0 Sep.22.2003
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
   Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
   Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
   Analog Switch
HD74ALVC1G66 RENESAS-HD74ALVC1G66_15 Datasheet
122Kb / 15P
   Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com