Electronic Components Datasheet Search |
|
AFL27009SX Datasheet(PDF) 4 Page - International Rectifier |
|
AFL27009SX Datasheet(HTML) 4 Page - International Rectifier |
4 / 16 page 4 www.irf.com AFL270XXS Series Dynamic Characteristics -55°C ≤ T CASE ≤ +125°C, VIN = 270 Volts unless otherwise specified. Parameter Group A Subgroup s Test Conditions Min Nom Max Unit LOAD TRANSIENT RESPONSE AFL27005S Amplitude Recovery Amplitude Recovery AFL27006S Amplitude Recovery Amplitude Recovery AFL27009S Amplitude Recovery Amplitude Recovery AFL27012S Amplitude Recovery Amplitude Recovery AFL27015S Amplitude Recovery Amplitude Recovery AFL27028S Amplitude Recovery Amplitude Recovery 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 Note 2, 8 Load Step 50% ⇔ 100% Load Step 10% ⇔ 50% Load Step 50% ⇔ 100% Load Step 10% ⇔ 50% Load Step 50% ⇔ 100% Load Step 10% ⇔ 50% Load Step 50% ⇔ 100% Load Step 10% ⇔ 50% Load Step 50% ⇔ 100% Load Step 10% ⇔ 50% Load Step 50% ⇔ 100% Load Step 10% ⇔ 50% -450 -450 -450 -450 -600 -600 -750 -750 -900 -900 -1200 -1200 450 200 450 400 450 200 450 400 600 200 600 400 750 200 750 400 900 200 900 400 1200 200 1200 400 mV µSec mV µSec mV µSec mV µSec mV µSec mV µSec mV µSec mV µSec mV µSec mV µSec mV µSec mV µSec LINE TRANSIENT RESPONSE Amplitude Recovery Note 1, 2, 3 VIN Step = 160 ⇔ 400 Volts -500 500 500 mV µSec TURN-ON CHARACTERISTICS Overshoot Delay 4, 5, 6 4, 5, 6 VIN = 160, 270, 400 Volts. Note 4 Enable 1, 2 on. (Pins 4, 12 high or open) 50 75 250 120 mV mSec LOAD FAULT RECOVERY Same as Turn On Characteristics. LINE REJECTION MIL-STD-461, CS101, 30Hz to 50KHz Note 1 60 70 dB Notes to Specifications: 1. Parameters not 100% tested but are guaranteed to the limits specified in the table. 2. Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of VOUT at 50% load. 3. Line transient transition time ≥ 100 µSec. 4. Turn-on delay is measured with an input voltage rise time of between 100 and 500 volts per millisecond. 5. Current limit point is that condition of excess load causing output voltage to drop to 90% of nominal. 6. Parameter verified as part of another test. 7. All electrical tests are performed with the remote sense leads connected to the output leads at the load. 8. Load transient transition time ≥ 10 µSec. 9. Enable inputs internally pulled high. Nominal open circuit voltage ≈ 4.0VDC. |
Similar Part No. - AFL27009SX |
|
Similar Description - AFL27009SX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |