Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935WL Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935WL
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935WL Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4935WL Datasheet HTML 5Page - National Semiconductor (TI) LM4935WL Datasheet HTML 6Page - National Semiconductor (TI) LM4935WL Datasheet HTML 7Page - National Semiconductor (TI) LM4935WL Datasheet HTML 8Page - National Semiconductor (TI) LM4935WL Datasheet HTML 9Page - National Semiconductor (TI) LM4935WL Datasheet HTML 10Page - National Semiconductor (TI) LM4935WL Datasheet HTML 11Page - National Semiconductor (TI) LM4935WL Datasheet HTML 12Page - National Semiconductor (TI) LM4935WL Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
10.0 Electrical Characteristics (Notes 1, 2) Unless otherwise stated PLL_V
DD = 3.3V, D_VDD = 3.3V,
BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following specifications apply for the circuit shown in Figure 2 unless
otherwise stated. Limits apply for 25˚C. (Continued)
Symbol
Parameter
Conditions
LM4935
Units
Typical
(Note 6)
Limit
(Note 7)
DC CURRENT CONSUMPTION
DACI
DD
DAC Active Current
f
MCLK = 13MHz, DAC ON only;
PLL OFF, f
S = 48kHz
7.4
mA
f
MCLK = 19.2MHz, DAC ON only
PLL OFF; f
S = 48kHz
10.7
mA
SARI
DD
SAR Active Current
f
MCLK = 13MHz, SAR ON only
1.6
mA
f
MCLK = 19.2MHz, SAR ON only
2.3
mA
LSI
DD
Loudspeaker Quiescent Current
LS ON only
8.8
mA
HPI
DD
Headphone Quiescent Current
HP ON only, SE MODE
3.5
mA
HP ON only, OCL MODE
3.9
mA
EPI
DD
Earpiece Quiescent Current
EP ON only
4.4
mA
AUXI
DD
AUXOUT Quiescent Current
AUXOUT ON only
4.8
mA
CPOUTI
DD
CPOUT Quiescent Current
CPOUT ON only
4.8
mA
LOUDSPEAKER AMPLIFIER
P
LS
Max Loudspeaker Power
8
Ω load, LS_V
DD = 5V
1.3
W
8
Ω load, LS_V
DD = 4.2V
0.9
W
8
Ω load, LS_V
DD = 3.3V
0.6
0.44
W (min)
LS
THD+N
Loudspeaker Harmonic Distortion
8
Ω load, LS_V
DD = 3.3V,
P
O = 400mW
0.4
%
LS
EFF
Efficiency
0 dB Input
MCLK = 12.000 MHz
84
%
PSRR
LS
Power Supply Rejection Ration
(Loudspeaker)
AUX inputs terminated
C
BYPASS = 1.0 µF
V
RIPPLE = 200 mVP-P
f
RIPPLE = 217 Hz
54
dB
SNR
LS
Signal to Noise Ratio
From 0 dB Analog AUX input at
1 kHz, A-weighted
76
dB
e
N
Output Noise
A-weighted
350
µV
V
OS
Offset Voltage
7
mV
HEADPHONE AMPLIFIER
P
HP
Headphone Power
32
Ω load, 3.3V, SE
33
20
mW
(min)
16
Ω load, 3.3V, SE
52
mW
32
Ω load, 3.3V, OCL, VCM = 1.5V
31
mW
32
Ω load, 3.3V, OCL, VCM = 1.2V
20
mW
16
Ω load, 3.3V, OCL, VCM = 1.5V
50
mW
16
Ω load, 3.3V, OCL, VCM = 1.2V
32
mW
PSRR
HP
Power Supply Rejection Ratio
(Headphones)
AUX inputs terminated
C
BYPASS = 1.0 µF
V
RIPPLE = 200 mVP-P
f
RIPPLE = 217 Hz
SE Mode
60
dB
OCL Mode
VCM = 1.2V
68
dB
OCL Mode
VCM = 1.5V
65
dB
www.national.com
9


Similar Part No. - LM4935WL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4935 TI1-LM4935 Datasheet
2Mb / 91P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49350 TI-LM49350 Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
logo
National Semiconductor ...
LM49350RL NSC-LM49350RL Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
More results

Similar Description - LM4935WL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
LM4935 TI1-LM4935_14 Datasheet
2Mb / 91P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
National Semiconductor ...
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
National Semiconductor ...
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
[Old version datasheet]   LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com