Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1722IS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1722IS8
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1722IS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1722IS8 Datasheet HTML 3Page - Linear Technology LT1722IS8 Datasheet HTML 4Page - Linear Technology LT1722IS8 Datasheet HTML 5Page - Linear Technology LT1722IS8 Datasheet HTML 6Page - Linear Technology LT1722IS8 Datasheet HTML 7Page - Linear Technology LT1722IS8 Datasheet HTML 8Page - Linear Technology LT1722IS8 Datasheet HTML 9Page - Linear Technology LT1722IS8 Datasheet HTML 10Page - Linear Technology LT1722IS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1722/LT1723/LT1724
7
172234fa
Supply Current vs Temperature
Input Common Mode Range
vs Supply Voltage
Input Bias Current
vs Common Mode Voltage
Input Bias Current
vs Temperature
Input Noise Spectral Density
Open-Loop Gain
vs Resistive Load
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
4.0
4.5
5.0
25
75
1723 G01
3.5
3.0
–25
0
50
100
125
2.5
2.0
PER AMPLIFIER
VS = 5V
VS = ±5V
SUPPLY VOLTAGE (
±V)
0
2
4
5
1723 G02
13
6
7
0.5
V+
–0.5
–1.0
–1.5
–1.2
2.0
1.5
1.0
0.5
V
∆(VOS) < 500µV
TA = 25°C
INPUT COMMON MODE VOLTAGE (V)
–5
400
300
200
100
0
–100
–200
–300
–400
3
1723 G03
–3
–1
1
5
2
–4
–2
0
4
VS = ±5V
TA = –45°C
TA = 125°C
TA = 25°C
TA = 85°C
TEMPERATURE (
°C)
–50
20
40
60
25
75
1723 G04
0
–20
–25
0
50
IB
IB
IB
+
IB
+
100
125
–40
–60
VS = ±5V
VS = 5V
FREQUENCY (kHz)
0.01
0.1
1
10
100
0.1
1
10
in
1
10
100
1723 G05
en
LOAD RESISTANCE (
Ω)
100
74.0
76.5
79.0
81.5
84.0
89.0
1000
10000
1723 G06
86.5
TA = 25°C
VS = ±5V, VO = ±3V
VS = ±2.5V, VO = ±1V
Total Noise vs Unmatched Source
Resistance
SOURCE RESISTANCE, RS (kΩ)
1
10
0.01
1
10
100
1723 G07
0.1
0.1
100
VS = ±5V
TA = 25°C
f = 10kHz
TOTAL NOISE
RESISTOR NOISE
+
RS
TIME AFTER POWER-UP (SEC)
0
10
20
30
5
15
25
20
40
60
80
1723 G08
100
10
030
50
70
90
LT1722S8
TA = 25°C
TYPICAL DATA
VS = ±5V
VS = ±2.5V
COMMON MODE VOLTAGE (V)
–300
–100
100
300
–200
0
200
–3
–1
1
3
1723 G09
5
–4
–5
–2
0
2
4
VS = ±6.3V
VS = ±5V
VS = ±4V
VS = ±3V
VS = ±2.5V
TA = 25°C
TYPICAL PART
VS = ±6V
Warm-Up Drift vs Time
VOS Shift vs VCM and VS


Similar Part No. - LT1722IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results

Similar Description - LT1722IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX410 MAXIM-MAX410_08 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com