Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC126ADT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC126ADT
Description  Quad 3-State Noninverting Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC126ADT Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC126ADT Datasheet HTML 1Page - ON Semiconductor MC74HC126ADT Datasheet HTML 2Page - ON Semiconductor MC74HC126ADT Datasheet HTML 3Page - ON Semiconductor MC74HC126ADT Datasheet HTML 4Page - ON Semiconductor MC74HC126ADT Datasheet HTML 5Page - ON Semiconductor MC74HC126ADT Datasheet HTML 6Page - ON Semiconductor MC74HC126ADT Datasheet HTML 7Page - ON Semiconductor MC74HC126ADT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 9
1
Publication Order Number:
MC74HC125A/D
MC74HC125A,
MC74HC126A
Quad 3-State Noninverting
Buffers
High–Performance Silicon–Gate CMOS
The MC74HC125A and MC74HC126A are identical in pinout to
the LS125 and LS126. The device inputs are compatible with standard
CMOS outputs; with pullup resistors, they are compatible with
LSTTL outputs.
The HC125A and HC126A noninverting buffers are designed to be
used with 3–state memory address drivers, clock drivers, and other
bus–oriented systems. The devices have four separate output enables
that are active–low (HC125A) or active–high (HC126A).
Output Drive Capability: 15 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 µA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 72 FETs or 18 Equivalent Gates
LOGIC DIAGRAM
HC125A
Active–Low Output Enables
HC126A
Active–High Output Enables
Y1
Y2
Y4
3
6
8
11
13
12
10
9
4
5
1
2
A1
OE1
A2
OE2
A3
OE3
A4
OE4
PIN 14 = VCC
PIN 7 = GND
A1
OE1
A2
OE2
A3
OE3
A4
OE4
Y3
Y1
Y2
Y4
Y3
13
12
10
9
4
5
1
23
6
8
11
FUNCTION TABLE
HC125A
Inputs
Output
AOE
Y
HL
H
LL
L
XH
Z
HC126A
Inputs
Output
AOE
Y
HH
H
LH
L
XL
Z
Device
Package
Shipping
ORDERING INFORMATION
MC74HC12xAN
PDIP–14
2000 / Box
MC74HC12xAD
SOIC–14
http://onsemi.com
55 / Rail
MC74HC12xADR2
SOIC–14
2500 / Reel
MARKING
DIAGRAMS
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
MC74HC12xADT
TSSOP–14
96 / Rail
MC74HC12xADTR2
TSSOP–14
2500 / Reel
TSSOP–14
DT SUFFIX
CASE 948G
HC
12xA
ALYW
1
14
1
14
PDIP–14
N SUFFIX
CASE 646
MC74HC12xAN
AWLYYWW
SOIC–14
D SUFFIX
CASE 751A
1
14
HC12xA
AWLYWW
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OE3
Y4
A4
OE4
VCC
Y3
A3
OE2
Y1
A1
OE1
GND
Y2
A2


Similar Part No. - MC74HC126ADT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC126ADT MOTOROLA-MC74HC126ADT Datasheet
148Kb / 6P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC126ADTR2G ONSEMI-MC74HC126ADTR2G Datasheet
148Kb / 8P
   Quad 3-State Noninverting Buffers
May, 2013 ??Rev. 14
MC74HC126ADTR2G ONSEMI-MC74HC126ADTR2G Datasheet
113Kb / 7P
   Quad 3-State Noninverting Buffers
August, 2014 ??Rev. 15
More results

Similar Description - MC74HC126ADT

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
logo
System Logic Semiconduc...
SL74HC125 SLS-SL74HC125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers
logo
Integral Corp.
IN74HCT125A INTEGRAL-IN74HCT125A Datasheet
136Kb / 5P
   QUAD 3-STATE NONINVERTING BUFFERS
logo
KODENSHI_AUK CORP.
KK74VHCT125 KODENSHI-KK74VHCT125 Datasheet
279Kb / 7P
   Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A_14 Datasheet
113Kb / 7P
   Quad 3-State Noninverting Buffers
August, 2014 ??Rev. 15
MC74HC126ANG ONSEMI-MC74HC126ANG Datasheet
148Kb / 8P
   Quad 3-State Noninverting Buffers
May, 2013 ??Rev. 14
logo
IK Semicon Co., Ltd
IN74HC125A IKSEMICON-IN74HC125A Datasheet
201Kb / 6P
   Quad 3-State Noninverting Buffers
IN74VHCT126 IKSEMICON-IN74VHCT126 Datasheet
269Kb / 7P
   Quad 3-State Noninverting Buffers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com