Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8842 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # AP8842
Description  42 sec VOICE OTP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP8842 Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button AP8842 Datasheet HTML 2Page - Aplus Intergrated Circuits AP8842 Datasheet HTML 3Page - Aplus Intergrated Circuits AP8842 Datasheet HTML 4Page - Aplus Intergrated Circuits AP8842 Datasheet HTML 5Page - Aplus Intergrated Circuits AP8842 Datasheet HTML 6Page - Aplus Intergrated Circuits AP8842 Datasheet HTML 7Page - Aplus Intergrated Circuits AP8842 Datasheet HTML 8Page - Aplus Intergrated Circuits AP8842 Datasheet HTML 9Page - Aplus Intergrated Circuits AP8842 Datasheet HTML 10Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Integrated Circuits Inc.
aP8842
Ver 1.3
6
Pin Description
Pin No.
Name
I/O/P
Function
1
S8
I
Trigger switch 8, internal pull low, active high
2
OUT1
O
Programmable output 1
3
VOUT1
O
PWM audio signal output 1 for buzzer & speaker
4
VOUT2
O
PWM audio signal output 2 for buzzer & speaker
5
VSS
P
Power ground
6
OUT2
O
Programmable output 2
7
OUT3
O
Programmable output 3
8
COUT
O
Current output from internal DAC for speaker playback
9
OSC
I
Oscillator resistor pin to control sampling frequency
10
S5
I
Trigger switch 5 / CPU Addr.5 ( MSB ),
11
S6
I
Trigger switch 6, internal pull low, active high
12
VPP
P
Program power, must connect to VDD when playback
13
S1
I
Trigger switch 1 / CPU Addr.1 ( LSB ),
internal pull low, active high
14
S2
I
Trigger switch 2 / CPU Addr.2,
internal pull low, active high
15
VDD
P
Positive power supply
16
S3
I
internal pull low, active high
17
S4
I
internal pull low, active high
18
SBT
I
Key Sequential/CPU trigger, internal pull low, active
high
19
IRP
I
Interrupt to stop playback, internal pull low, active high
20
S7
I
Trigger switch 7, internal pull low, active high
Note1: The following pins are used to program data into the memory: 5 – 7 and 9 - 20.
Note2: Vpp and Vcc MUST be connected to positive power supply during normal playback. However, they MUST be
separated during data programming.


Similar Part No. - AP8842

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8800 DIODES-AP8800 Datasheet
198Kb / 11P
   350mA LED Step-Down Converter
AP8800 Rev. 1
AP8800 DIODES-AP8800 Datasheet
207Kb / 13P
   350mA LED Step-down Converter
AP8800 Rev. 4
AP8800A DIODES-AP8800A Datasheet
153Kb / 12P
   COST EFFECTIVE 28V BUCK 1-W LED DRIVER
AP8800AWT-7 DIODES-AP8800AWT-7 Datasheet
153Kb / 12P
   COST EFFECTIVE 28V BUCK 1-W LED DRIVER
AP8800EV1 DIODES-AP8800EV1 Datasheet
175Kb / 8P
   step-down DC/DC converter designed to drive LEDs with a constant current.
More results

Similar Description - AP8842

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AP8821 APLUS-AP8821 Datasheet
112Kb / 13P
   21 sec VOICE OTP
logo
List of Unclassifed Man...
M5106 ETC-M5106 Datasheet
99Kb / 1P
   6 SEC VOICE
M5109 ETC-M5109 Datasheet
99Kb / 1P
   9 SEC VOICE
SD501 ETC-SD501 Datasheet
976Kb / 4P
   3 SEC VOICE SYNTHESIZER
logo
Aplus Intergrated Circu...
P89021 APLUS-P89021 Datasheet
236Kb / 18P
   VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
   VOICE OTP IC
P89170 APLUS-P89170 Datasheet
359Kb / 24P
   VOICE OTP IC
P89042 APLUS-P89042 Datasheet
245Kb / 19P
   VOICE OTP IC
P89341 APLUS-P89341 Datasheet
359Kb / 24P
   VOICE OTP IC
API8208G APLUS-API8208G Datasheet
42Kb / 2P
   OTP VOICE SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com