Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3238ECA Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL3238ECA
Description  -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3238ECA Datasheet(HTML) 2 Page - Intersil Corporation

  ICL3238ECA Datasheet HTML 1Page - Intersil Corporation ICL3238ECA Datasheet HTML 2Page - Intersil Corporation ICL3238ECA Datasheet HTML 3Page - Intersil Corporation ICL3238ECA Datasheet HTML 4Page - Intersil Corporation ICL3238ECA Datasheet HTML 5Page - Intersil Corporation ICL3238ECA Datasheet HTML 6Page - Intersil Corporation ICL3238ECA Datasheet HTML 7Page - Intersil Corporation ICL3238ECA Datasheet HTML 8Page - Intersil Corporation ICL3238ECA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Pinout
ICL3238E (SSOP, TSSOP)
TOP VIEW
C2+
C2-
V-
R1IN
R2IN
R3IN
T4IN
T5IN
T1OUT
T3OUT
T3IN
T2IN
T1IN
C1+
VCC
GND
C1-
FORCEON
INVALID
R1OUT
R2OUT
R3OUT
V+
FORCEOFF
R1OUTB
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
T2OUT
T4OUT
T5OUT
Ordering Information
PART NO.
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
ICL3238ECA
0 to 70
28 Ld SSOP
M28.209
ICL3238ECA-T
0 to 70
28 Ld SSOP
Tape and Reel
M28.209
ICL3238ECAZ
(Note)
0 to 70
28 Ld SSOP
(Pb-Free)
M28.209
ICL3238ECAZ-T
(Note)
0 to 70
28 Ld SSOP
Tape and Reel
(Pb-Free)
M28.209
ICL3238EIA
-40 to 85
28 Ld SSOP
M28.209
ICL3238EIA-T
-40 to 85
28 Ld SSOP
Tape and Reel
M28.209
ICL3238EIAZ
(Note)
-40 to 85
28 Ld SSOP
(Pb-Free)
M28.209
ICL3238EIAZ-T
(Note)
-40 to 85
28 Ld SSOP
Tape and Reel
(Pb-Free)
M28.209
ICL3238EIV-T
-40 to 85
28 Ld TSSOP
Tape and Reel
M28.173
ICL3238EIVZ-T
(Note)
-40 to 85
28 Ld TSSOP
Tape and Reel
(Pb-Free)
M28.173
NOTE:
Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which is compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J Std-020B.
Pin Descriptions
PIN
FUNCTION
VCC
System Power Supply Input (3.0V to 5.5V).
V+
Internally Generated Positive Transmitter Supply (+5.5V).
V-
Internally Generated Negative Transmitter Supply (-5.5V).
GND
Ground Connection.
C1+
External Capacitor (Voltage Doubler) is connected to this lead.
C1-
External Capacitor (Voltage Doubler) is connected to this lead.
C2+
External Capacitor (Voltage Inverter) is connected to this lead.
C2-
External Capacitor (Voltage Inverter) is connected to this lead.
TIN
TTL/CMOS Compatible Transmitter Inputs (Note 1).
TOUT
±15kV ESD Protected, RS-232 Level (Nominally ±5.5V) Transmitter Outputs.
RIN
±15kV ESD Protected, RS-232 Compatible Receiver Inputs.
ROUT
TTL/CMOS Level Receiver Outputs.
ROUTB
TTL/CMOS Level, Noninverting, Always Enabled Receiver Outputs.
INVALID
Active Low Output that indicates if no valid RS-232 levels are present on any receiver input.
FORCEOFF Active Low to Shut Down Transmitters and On-Chip Power Supply. This overrides any automatic circuitry and FORCEON (see Table 2,
Note 1).
FORCEON Active High Input to override automatic powerdown circuitry thereby keeping transmitters active. (FORCEOFF must be high, Note 1).
NOTE:
1. These input pins incorporate positive feedback resistors. Once the input is driven to a valid logic level, the feedback resistor maintains that logic
level until VCC is removed. Unused transmitter inputs may be left unconnected by the user.
ICL3238E


Similar Part No. - ICL3238ECA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3238ECA RENESAS-ICL3238ECA Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3238ECA-T RENESAS-ICL3238ECA-T Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3238ECAZ RENESAS-ICL3238ECAZ Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3238ECAZ-T RENESAS-ICL3238ECAZ-T Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results

Similar Description - ICL3238ECA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3238E RENESAS-ICL3238E Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83387E INTERSIL-ISL83387E_05 Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com