Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3310EIB Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL3310EIB
Description  /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3310EIB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL3310EIB Datasheet HTML 2Page - Intersil Corporation ICL3310EIB Datasheet HTML 3Page - Intersil Corporation ICL3310EIB Datasheet HTML 4Page - Intersil Corporation ICL3310EIB Datasheet HTML 5Page - Intersil Corporation ICL3310EIB Datasheet HTML 6Page - Intersil Corporation ICL3310EIB Datasheet HTML 7Page - Intersil Corporation ICL3310EIB Datasheet HTML 8Page - Intersil Corporation ICL3310EIB Datasheet HTML 9Page - Intersil Corporation ICL3310EIB Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
ICL3310E
Small Outline Plastic Packages (SOIC)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Interlead
flash and protrusions shall not exceed 0.25mm (0.010 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater above
the seating plane, shall not exceed a maximum value of 0.61mm
(0.024 inch)
10. Controlling dimension: MILLIMETER. Converted inch dimensions are
not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
µ
0.25(0.010)
B
M
M
α
M18.3 (JEDEC MS-013-AB ISSUE C)
18 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0926
0.1043
2.35
2.65
-
A1
0.0040
0.0118
0.10
0.30
-
B
0.013
0.0200
0.33
0.51
9
C
0.0091
0.0125
0.23
0.32
-
D
0.4469
0.4625
11.35
11.75
3
E
0.2914
0.2992
7.40
7.60
4
e
0.050 BSC
1.27 BSC
-
H
0.394
0.419
10.00
10.65
-
h
0.010
0.029
0.25
0.75
5
L
0.016
0.050
0.40
1.27
6
N18
18
7
α
0o
8o
0o
8o
-
Rev. 0 12/93


Similar Part No. - ICL3310EIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3310 INTERSIL-ICL3310 Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310CB INTERSIL-ICL3310CB Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310CB-T INTERSIL-ICL3310CB-T Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310IB INTERSIL-ICL3310IB Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310IB-T INTERSIL-ICL3310IB-T Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
More results

Similar Description - ICL3310EIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83384E RENESAS-ISL83384E Datasheet
542Kb / 9P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
March 15, 2005
logo
Intersil Corporation
ISL83384E INTERSIL-ISL83384E Datasheet
289Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
ISL83384E INTERSIL-ISL83384E_05 Datasheet
281Kb / 9P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
ICL3310 INTERSIL-ICL3310 Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com