Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3238EIAZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL3238EIAZ
Description  -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3238EIAZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL3238EIAZ Datasheet HTML 4Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 5Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 6Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 7Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 8Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 9Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 10Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 11Page - Intersil Corporation ICL3238EIAZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FORCEOFF switches high. The rising edge of the Master
Powerdown signal forces the device to power up, and the
ICL3238E returns to enhanced automatic powerdown mode
an RC time constant after this rising edge. The time constant
isn’t critical, because the ICL3238E remains powered up for
30 seconds after the FORCEON falling edge, even if there
are no signal transitions. This gives slow-to-wake systems
(e.g., a mouse) plenty of time to start transmitting, and as
long as it starts transmitting within 30 seconds both systems
remain enabled.
INVALID Output
The INVALID output always indicates (see Table 2) whether
or not 30µs have elapsed with invalid RS-232 signals (see
Figures 6 and 8) persisting on all of the receiver inputs,
giving the user an easy way to determine when the interface
block should power down. Invalid receiver levels occur
whenever the driving peripheral’s outputs are shut off
(powered down) or when the RS-232 interface cable is
disconnected. In the case of a disconnected interface cable
where all the receiver inputs are floating (but pulled to GND
by the internal receiver pull down resistors), the INVALID
logic detects the invalid levels and drives the output low. The
power management logic then uses this indicator to power
down the interface block. Reconnecting the cable restores
valid levels at the receiver inputs, INVALID switches high,
and the power management logic wakes up the interface
block. INVALID can also be used to indicate the DTR or
RING INDICATOR signal, as long as the other receiver
inputs are floating, or driven to GND (as in the case of a
powered down driver).
Enhanced Automatic Powerdown
Even greater power savings is available by using this device
which features an enhanced automatic powerdown function.
When the enhanced powerdown logic determines that no
transitions have occurred on any of the transmitter nor
receiver inputs for 30 seconds, the charge pump and
transmitters powerdown, thereby reducing supply current to
10nA. The ICL3238E automatically powers back up
whenever it detects a transition on one of these inputs. This
automatic powerdown feature provides additional system
power savings without changes to the existing operating
system.
Enhanced automatic powerdown operates when the
FORCEON input is low, and the FORCEOFF input is high.
Tying FORCEON high disables automatic powerdown, but
manual powerdown is always available via the overriding
FORCEOFF input. Table 2 summarizes the enhanced
automatic powerdown functionality.
Figure 7 illustrates the enhanced powerdown control logic.
Note that once the ICL3238E enters powerdown (manually
or automatically), the 30 second timer remains timed out
(set), keeping the ICL3238E powered down until FORCEON
transitions high, or until a transition occurs on a receiver or
transmitter input.
The INVALID output signal switches low to indicate that
invalid levels have persisted on all of the receiver inputs for
more than 60µs (see Figure 8), but this has no direct effect
on the state of the ICL3238E (see the next sections for
methods of utilizing INVALID to power down the device).
INVALID switches high 1µs after detecting a valid RS-232
level on a receiver input. INVALID operates in all modes
(forced or automatic powerdown, or forced on), so it is also
useful for systems employing manual powerdown circuitry.
The time to recover from automatic powerdown mode is
typically 25µs.
FIGURE 5. CIRCUIT TO ENSURE IMMEDIATE POWER UP
WHEN EXITING FORCED POWERDOWN
FORCEOFF
FORCEON
POWER
MASTER POWERDOWN LINE
1M
0.1µF
MANAGEMENT
UNIT
ICL3238E
FIGURE 6. DEFINITION OF VALID RS-232 RECEIVER LEVELS
0.3V
-0.3V
-2.7V
2.7V
INVALID LEVEL - INVALID = 0
VALID RS-232 LEVEL - INVALID = 1
VALID RS-232 LEVEL - INVALID = 1
INDETERMINATE
INDETERMINATE
FIGURE 7. ENHANCED AUTOMATIC POWERDOWN LOGIC
30s
TIMER
S
R
FORCEOFF
AUTOSHDN
FORCEON
R_IN
T_IN
EDGE
DETECT
EDGE
DETECT
ICL3238E


Similar Part No. - ICL3238EIAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3238EIAZ RENESAS-ICL3238EIAZ Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3238EIAZ-T RENESAS-ICL3238EIAZ-T Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results

Similar Description - ICL3238EIAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3238E RENESAS-ICL3238E Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83387E INTERSIL-ISL83387E_05 Datasheet
315Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com