Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3310EIB-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL3310EIB-T
Description  /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3310EIB-T Datasheet(HTML) 2 Page - Intersil Corporation

  ICL3310EIB-T Datasheet HTML 1Page - Intersil Corporation ICL3310EIB-T Datasheet HTML 2Page - Intersil Corporation ICL3310EIB-T Datasheet HTML 3Page - Intersil Corporation ICL3310EIB-T Datasheet HTML 4Page - Intersil Corporation ICL3310EIB-T Datasheet HTML 5Page - Intersil Corporation ICL3310EIB-T Datasheet HTML 6Page - Intersil Corporation ICL3310EIB-T Datasheet HTML 7Page - Intersil Corporation ICL3310EIB-T Datasheet HTML 8Page - Intersil Corporation ICL3310EIB-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Pinouts
ICL3310E (SOIC)
TOP VIEW
ICL3310E (SSOP)
TOP VIEW
NC
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
SHDN
GND
T1OUT
R1IN
R1OUT
T2IN
VCC
T1IN
R2OUT
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
NC
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
SHDN
GND
T1OUT
R1IN
R1OUT
T1IN
NC
VCC
NC
T2IN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
R2OUT
Pin Descriptions
PIN
FUNCTION
VCC
System power supply input (3.0V to 5.5V).
V+
Internally generated positive transmitter supply (+5.5V).
V-
Internally generated negative transmitter supply (-5.5V).
GND
Ground connection.
C1+
External capacitor (voltage doubler) is connected to this lead.
C1-
External capacitor (voltage doubler) is connected to this lead.
C2+
External capacitor (voltage inverter) is connected to this lead.
C2-
External capacitor (voltage inverter) is connected to this lead.
TIN
TTL/CMOS compatible transmitter Inputs.
TOUT
±15kV ESD Protected
, RS-232 level (nominally ±5.5V) transmitter outputs.
RIN
±15kV ESD Protected
, RS-232 compatible receiver inputs.
ROUT
TTL/CMOS level receiver outputs.
SHDN
Active low input to shut down transmitters, receivers, and on-board power supply, to place device in low power mode.
Typical Operating Circuits
ICL3310E (NOTE 2)
17
VCC
T1OUT
T2OUT
T1IN
T2IN
T1
T2
0.1µF
+
0.1µF
+
0.1µF
12
11
15
8
2
4
3
7
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
5
6
R1OUT
R1IN
14
5k
R2OUT
R2IN
9
10
5k
13
C1
C2
+ C3
C4
SHDN
GND
18
+3.3V to +5V
+
0.1µF
16
VCC
TTL/CMOS
LOGIC LEVELS
RS-232
LEVELS
R1
R2
C3 (OPTIONAL CONNECTION, NOTE 1)
NOTES:
1. The negative terminal of C3 can be connected to either VCC or GND.
2. Pin numbers refer to SOIC package.
ICL3310E


Similar Part No. - ICL3310EIB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3310 INTERSIL-ICL3310 Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310CB INTERSIL-ICL3310CB Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310CB-T INTERSIL-ICL3310CB-T Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310IB INTERSIL-ICL3310IB Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310IB-T INTERSIL-ICL3310IB-T Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
More results

Similar Description - ICL3310EIB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83384E RENESAS-ISL83384E Datasheet
542Kb / 9P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
March 15, 2005
logo
Intersil Corporation
ISL83384E INTERSIL-ISL83384E Datasheet
289Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
ISL83384E INTERSIL-ISL83384E_05 Datasheet
281Kb / 9P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
ICL3310 INTERSIL-ICL3310 Datasheet
158Kb / 9P
   3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com