Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43L121IR Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL43L121IR
Description  Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L121IR Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL43L121IR Datasheet HTML 3Page - Intersil Corporation ISL43L121IR Datasheet HTML 4Page - Intersil Corporation ISL43L121IR Datasheet HTML 5Page - Intersil Corporation ISL43L121IR Datasheet HTML 6Page - Intersil Corporation ISL43L121IR Datasheet HTML 7Page - Intersil Corporation ISL43L121IR Datasheet HTML 8Page - Intersil Corporation ISL43L121IR Datasheet HTML 9Page - Intersil Corporation ISL43L121IR Datasheet HTML 10Page - Intersil Corporation ISL43L121IR Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6091.1
November 3, 2004
FIGURE 14. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 15. FREQUENCY RESPONSE
FIGURE 16. CROSSTALK AND OFF ISOLATION
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
114
PROCESS:
Submicron CMOS
Typical Performance Curves TA = 25°C, Unless Otherwise Specified (Continued)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
V+ (V)
1
1.5
22.5
3
3.544.5
VINH
VINL
FREQUENCY (MHz)
0
-20
GAIN
PHASE
V+ = 3V
0
20
40
60
80
100
1
10
100
600
VIN = 0.2VP-P to 2VP-P
RL = 50Ω
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
V+ = 3V
ISL43L120, ISL43L121, ISL43L122


Similar Part No. - ISL43L121IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L121IR INTERSIL-ISL43L121IR Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL43L121IR RENESAS-ISL43L121IR Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L121IRZ INTERSIL-ISL43L121IRZ Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL43L121IRZ RENESAS-ISL43L121IRZ Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
More results

Similar Description - ISL43L121IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120_06 Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L710 INTERSIL-ISL43L710 Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com