Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43L420IR Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL43L420IR
Description  Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L420IR Datasheet(HTML) 1 Page - Intersil Corporation

  ISL43L420IR Datasheet HTML 1Page - Intersil Corporation ISL43L420IR Datasheet HTML 2Page - Intersil Corporation ISL43L420IR Datasheet HTML 3Page - Intersil Corporation ISL43L420IR Datasheet HTML 4Page - Intersil Corporation ISL43L420IR Datasheet HTML 5Page - Intersil Corporation ISL43L420IR Datasheet HTML 6Page - Intersil Corporation ISL43L420IR Datasheet HTML 7Page - Intersil Corporation ISL43L420IR Datasheet HTML 8Page - Intersil Corporation ISL43L420IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6098.1
ISL43L420
Ultra Low ON-Resistance, +1.1V to +4.5V
Single Supply, Quad SPDT (Dual DPDT)
Analog Switch
The Intersil ISL43L420 device is a low ON-resistance, low
voltage, bidirectional, Quad SPDT (Dual DPDT) analog
switch designed to operate from a single +1.1V to +4.5V
supply. Targeted applications include battery-powered
equipment that benefit from low RON (0.24Ω) and fast
switching speeds (tON =8ns, tOFF = 5ns). The digital logic
input is 1.8V logic-compatible when using a single +3V supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins may be
limited and digital geometries are not well suited to analog
switch performance. This part may be used to “mux-in”
additional functionality while reducing ASIC design risk. The
ISL43L420 is offered in a small form factor package,
alleviating board space limitations.
The ISL43L420 is a committed Quad SPDT that consists of
four normally open (NO) and four normally (NC) switches.
This configuration can also be used as a diff dual 2-to-1
multiplexer/demultiplexer or a dual 2-to1
multiplexer/demultiplexer. The ISL43L420 is pin compatible
with the STG3699.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• Drop in Replacement for the STG3699
• ON Resistance (RON)
- V+ = +4.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.24
- V+ = +3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.26
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.45
•RON Matching between Channels. . . . . . . . . . . . . . . . .0.05Ω
•RON Flatness Across Signal Range . . . . . . . . . . . . . . .0.05Ω
• Single Supply Operation. . . . . . . . . . . . . . . . . +1.1V to +4.5V
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . <0.2µW
• Fast Switching Action (V+ = +4.3V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5ns
• Guaranteed Break-Before-Make
• 1.8V Logic Compatible (+3V supply)
• Available in 16 lead 3x3 QFN
• ESD HBM Rating
- COM Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9kV
- All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
• Pb-Free Available as an Option (see Ordering Info)
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching
TABLE 1. FEATURES AT A GLANCE
ISL43L420
Number of Switches
4
SW
Quad SPDT (Dual DPDT)
4.3V RON
0.24
4.3V tON/tOFF
8ns/5ns
3.0V RON
0.26
3.0V tON/tOFF
10ns/7ns
1.8V RON
0.45
1.8V tON/tOFF
18ns/10ns
Packages
16 Ld 3x3 QFN
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
February 18, 2005


Similar Part No. - ISL43L420IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L420IR INTERSIL-ISL43L420IR Datasheet
377Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT Analog Switch
February 18, 2005
logo
Renesas Technology Corp
ISL43L420IR RENESAS-ISL43L420IR Datasheet
617Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL43L420IR-T INTERSIL-ISL43L420IR-T Datasheet
377Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT Analog Switch
February 18, 2005
logo
Renesas Technology Corp
ISL43L420IR-T RENESAS-ISL43L420IR-T Datasheet
617Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL43L420IRZ INTERSIL-ISL43L420IRZ Datasheet
377Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT Analog Switch
February 18, 2005
More results

Similar Description - ISL43L420IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43L420 RENESAS-ISL43L420 Datasheet
617Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL43L420IR INTERSIL-ISL43L420IR Datasheet
377Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT Analog Switch
February 18, 2005
ISL43L210 INTERSIL-ISL43L210 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L210 RENESAS-ISL43L210 Datasheet
580Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL8499IR INTERSIL-ISL8499IR Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 RENESAS-ISL84467 Datasheet
679Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com